Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAC3 Datasheet (PDF) - Murata Power Solutions Inc.

BAC3 Datasheet PDF - Murata Power Solutions Inc.
Part # BAC3
Download  BAC3 Download
File Size   296.44 Kbytes
Page   10 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description Isolated 3W Regulated Single Output AC/DC Converters

BAC3 Datasheet (PDF)

Go To PDF Page Download Datasheet
BAC3 Datasheet PDF - Murata Power Solutions Inc.

Part # BAC3
Download  BAC3 Click to download

File Size   296.44 Kbytes
Page   10 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description Isolated 3W Regulated Single Output AC/DC Converters

BAC3 Datasheet (HTML) - Murata Power Solutions Inc.


BAC3 Product details

UL62368-1 recognised
EN62368-1 certified
IEC61558-1 & IEC61558-2-16 certified
ANSI/AAMI ES60601-1, 1 MOPP/2 MOOP
recognition pending
Wide input voltage range 85-264VAC/
120-370VDC
Operating temperature range –40°C to85°C
4.7kVDC isolation ‘Hi Pot Test’
5V, 12V & 24V single regulated outputs
Over current protection
Short circuit protection
Primary side regulation
Meets EMC class B with no external
components




Similar Part No. - BAC3

ManufacturerPart #DatasheetDescription
logo
Isabellenhütte Heu...
BAC ISABELLENHUETTE-BAC Datasheet
4Mb / 3P
PRECISION RESISTORS
logo
Infinite Electronics In...
BAC-CFS59U L-COM-BAC-CFS59U Datasheet
46Kb / 1P
CONN INDOOR F M RG59 CRIMP
01/25/07
BAC-EX59 L-COM-BAC-EX59 Datasheet
64Kb / 1P
"F" INDOOR/OUTDOOR RG59 CONNECTOR
03/17/2003
BAC-EX6 L-COM-BAC-EX6 Datasheet
64Kb / 1P
CONNECTOR F M RG6 COMPRESSION
03/17/2003
logo
Isabellenhütte Heu...
BAC-M-R0001-5.0 ISABELLENHUETTE-BAC-M-R0001-5.0 Datasheet
4Mb / 3P
PRECISION RESISTORS
More results


Similar Description - BAC3

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
KDC_NDTS MURATA-KDC_NDTS Datasheet
158Kb / 6P
Isolated 3W Single Output DC/DC Converters
MEE3S0509SC MURATA-MEE3S0509SC Datasheet
209Kb / 5P
1kVDC Isolated 3W Single Output DC/DC Converters
logo
Microdc power Technolog...
3B-XES MICRODC-3B-XES Datasheet
331Kb / 2P
Isolated 3W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TP2S TOPPOWER-TP2S Datasheet
631Kb / 3P
3W 1KVDC Isolated Single Output DC/DC Converters
TPL-3W TOPPOWER-TPL-3W Datasheet
613Kb / 3P
3W 1.5KVDC Isolated Single Output DC/DC Converters
TPL-3W TOPPOWER-TPL-3W_V01 Datasheet
765Kb / 3P
3W 1.5KVDC Isolated Single Output DC/DC Converters
logo
GAPTEC Electronic GmbH ...
3ACA GAPTEC-3ACA Datasheet
1Mb / 5P
3W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated
3ACE GAPTEC-3ACE Datasheet
3Mb / 5P
3W- Single Output AC-DC Converter - Universal Input - Isolated & Regulated
3ACM GAPTEC-3ACM Datasheet
1Mb / 5P
3W- Single Output AC-DC Converter - Universal Input - Isolated & Regulated
3ACMW GAPTEC-3ACMW Datasheet
2Mb / 5P
3W- Single Output AC-DC Converter - Universal Input - Isolated & Regulated
More results




About Murata Power Solutions Inc.


Murata Power Solutions is a subsidiary of Murata Manufacturing, a Japanese multinational electronics company.

Murata Power Solutions specializes in the design and manufacture of power management solutions, including DC-DC converters, AC-DC power supplies, and EMI filters.

The company provides innovative and reliable power management solutions for a wide range of applications in industries such as medical, industrial, and transportation, among others.

With its advanced technology and quality products, Murata Power Solutions has established itself as a leading provider of power management solutions in the global market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com