Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATAA-00 Datasheet (PDF) - OSRAM GmbH

ATAA-00 Datasheet PDF - OSRAM GmbH
Part # ATAA-00
Download  ATAA-00 Download
File Size   1512.32 Kbytes
Page   25 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Automotive High-Power Flood Illuminator

ATAA-00 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATAA-00 Datasheet PDF - OSRAM GmbH

Part # ATAA-00
Download  ATAA-00 Click to download

File Size   1512.32 Kbytes
Page   25 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Automotive High-Power Flood Illuminator

ATAA-00 Datasheet (HTML) - OSRAM GmbH


ATAA-00 Product details

Features
4.1 mm x 4.1 mm x 1.38 mm ± 0.100 mm
High power conversion efficiency
Standard lead-free solder reflow compatible
100% tested for uniformity in the far field
AEC-Q102 standard
ISO2626 compliant
ASIL A
Unit level track with 2D barcode




Similar Part No. - ATAA-00

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
ATA ARTESYN-ATA Datasheet
395Kb / 2P
Efficiency up to 86%
logo
Pro-Signal
ATA PROSIGNAL-ATA Datasheet
25Kb / 1P
Serial ATA Power Leads
logo
List of Unclassifed Man...
ATA-120 ETC-ATA-120 Datasheet
392Kb / 13P
20W Class D Single Channel Audio Amplifier
logo
ANADIGICS, Inc
ATA00501D1C ANADIGICS-ATA00501D1C Datasheet
306Kb / 7P
AGC TRANSIMPEDANCE AMPLIFIER
REV 1.5
ATA00501D1C ANADIGICS-ATA00501D1C Datasheet
222Kb / 8P
AGC TRANSIMPEDANCE AMPLIFIER
Rev. 1.5
More results


Similar Description - ATAA-00

ManufacturerPart #DatasheetDescription
logo
OptoDiode Corp
OD-663-850 OPTODIODE-OD-663-850 Datasheet
269Kb / 2P
HIGH-POWER GaAlAs IRLED ILLUMINATOR
OD-666 OPTODIODE-OD-666_13 Datasheet
248Kb / 2P
HIGH-POWER GaAlAs IRLED ILLUMINATOR
OD-666-850 OPTODIODE-OD-666-850 Datasheet
276Kb / 2P
HIGH-POWER GaAlAs IRLED ILLUMINATOR
OD663-850 OPTODIODE-OD663-850 Datasheet
269Kb / 2P
HIGH-POWER GaAlAs IRLED ILLUMINATOR
OD666 OPTODIODE-OD666 Datasheet
248Kb / 2P
HIGH-POWER GaAlAs IRLED ILLUMINATOR
OD-663-850 OPTODIODE-OD-663-850_15 Datasheet
353Kb / 2P
HIGH-POWER GaAlAs IRLED ILLUMINATOR
OD-666-850 OPTODIODE-OD-666-850_15 Datasheet
371Kb / 2P
HIGH-POWER GaAlAs IRLED ILLUMINATOR
OD-669 OPTODIODE-OD-669_15 Datasheet
295Kb / 2P
HIGH-POWER GaAlAs IRLED ILLUMINATOR
logo
ams AG
EGA2000-850-W AMSCO-EGA2000-850-W Datasheet
1Mb / 24P
Industrial High-Power Flood Illuminator
v2-00 2023-Apr-04
TARA2000-940-UW-AUT AMSCO-TARA2000-940-UW-AUT Datasheet
1Mb / 24P
Automotive High-Power Flood Illuminator
v3-00 2023-Mar-28
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com