Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V105Q121A-850 Datasheet (PDF) - OSRAM GmbH

V105Q121A-850 Datasheet PDF - OSRAM GmbH
Part # V105Q121A-850
Download  V105Q121A-850 Download
File Size   2032.43 Kbytes
Page   22 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description BIDOS® P2433 Q 850 nm Multi-Mode VCSEL Power Array Designed for Sensor Field of Interest : 60° x 45°

V105Q121A-850 Datasheet (PDF)

Go To PDF Page Download Datasheet
V105Q121A-850 Datasheet PDF - OSRAM GmbH

Part # V105Q121A-850
Download  V105Q121A-850 Click to download

File Size   2032.43 Kbytes
Page   22 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description BIDOS® P2433 Q 850 nm Multi-Mode VCSEL Power Array Designed for Sensor Field of Interest : 60° x 45°

V105Q121A-850 Datasheet (HTML) - OSRAM GmbH


V105Q121A-850 Product details

Features
- Package: QFN Package
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)
- Very small SMT package
- VCSEL power array
- High optical power
- IR Laser with photodiode





Similar Part No. - V105Q121A-850

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
V105Q121A-940 OSRAM-V105Q121A-940 Datasheet
1Mb / 20P
940 nm Multi-Mode VCSEL Power Array Designed for Sensor Field of Interest
More results


Similar Description - V105Q121A-850

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KCX-T46-85DA KODENSHI-KCX-T46-85DA Datasheet
116Kb / 1P
Single mode 850 VCSEL
logo
Unity Opto Technology
MCE-8V4C-312 UOT-MCE-8V4C-312 Datasheet
81Kb / 2P
850 nm VCSEL
MCE-8V4C-302 UOT-MCE-8V4C-302 Datasheet
81Kb / 2P
850 nm VCSEL
MCE-8V4C-301 UOT-MCE-8V4C-301 Datasheet
81Kb / 2P
850 nm VCSEL
logo
JDS Uniphase Corporatio...
PL-SXX-00-S20-CX JDSU-PL-SXX-00-S20-CX Datasheet
209Kb / 5P
850 nm 2.5 G VCSEL TOSA
PL-VD0-00-S20-C0 JDSU-PL-VD0-00-S20-C0 Datasheet
169Kb / 3P
850 nm 2.5 G VCSEL Die
PL-VD0-00-SG0-C0 JDSU-PL-VD0-00-SG0-C0 Datasheet
152Kb / 3P
850 nm 4.25 G VCSEL Die
logo
OPLINK Communications I...
DTR-1250-MM-SA OPLINK-DTR-1250-MM-SA Datasheet
273Kb / 6P
Gigabit Ethernet 850 nm VCSEL Transceivers
logo
OSRAM GmbH
V105Q121A-940 OSRAM-V105Q121A-940 Datasheet
1Mb / 20P
940 nm Multi-Mode VCSEL Power Array Designed for Sensor Field of Interest
V105Q131A-940 OSRAM-V105Q131A-940 Datasheet
1Mb / 19P
940 nm Multi-Mode VCSEL Power Array
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com