Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7985LC Datasheet (PDF) - Belden Inc.

7985LC Datasheet PDF - Belden Inc.
Part # 7985LC
Download  7985LC Download
File Size   148.12 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Surveillance CCTV, RG-6 #18 BC, 95% BC Braid, CMP

7985LC Datasheet (PDF)

Go To PDF Page Download Datasheet
7985LC Datasheet PDF - Belden Inc.

Part # 7985LC
Download  7985LC Click to download

File Size   148.12 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Surveillance CCTV, RG-6 #18 BC, 95% BC Braid, CMP

7985LC Datasheet (HTML) - Belden Inc.


7985LC Product details

Product Description
Surveillance & CCTV Cable, RG6, Plenum-CMP-FHC 25/50, 18 AWG bare copper foam FEP core, 95% bare copper braid, FEP jacket




Similar Part No. - 7985LC

ManufacturerPart #DatasheetDescription
logo
Sonardyne sound in dept...
7985 SONARDYNE-7985 Datasheet
220Kb / 2P
BOPNav Acoustic Transceiver
7985-081-5 SONARDYNE-7985-081-5 Datasheet
220Kb / 2P
BOPNav Acoustic Transceiver
More results


Similar Description - 7985LC

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1506A BELDEN-1506A Datasheet
244Kb / 4P
Serial Digital Coax, RG59, 20 AWG Solid BC, Duofoil짰 95% TC Braid, CMP
1694A BELDEN-1694A Datasheet
251Kb / 4P
Serial Digital Coax, RG6 Type, #18 Solid BC, Duofoil짰 95% TC braid, CMR
1695A BELDEN-1695A Datasheet
246Kb / 4P
Serial Digital Coax, RG6, #18 Solid BC, Foil 95% TC braid, CMP
1855P BELDEN-1855P Datasheet
241Kb / 3P
Serial Digital Coax, Sub-miniature, #23 Solid BC, Foil 95% TC braid, CMP
7732A BELDEN-7732A Datasheet
240Kb / 3P
Serial Digital Coax, RG11, #14 Solid BC, Foil 95% TC braid, CMP
1505F BELDEN-1505F Datasheet
243Kb / 2P
75 Ohm SDI Coax, RG-59, 22 AWG Str BC, Double 95% TC Braid
6300UE BELDEN-6300UE Datasheet
265Kb / 2P
Security & Sound, 2 Conductor 18 AWG BC, CMP
8241 BELDEN-8241 Datasheet
235Kb / 2P
75 Ohm Analog Video Coax, RG-59, 23 AWG Solid BCCS, 95% BC Braid, PVC Jkt, CM
6545PA BELDEN-6545PA Datasheet
180Kb / 2P
Security & Sound, 6 Pair 22 AWG, BC, CMP
12-20-2022
6301UE BELDEN-6301UE Datasheet
176Kb / 2P
Security & Sound, 3 Conductor 18 AWG BC, CMP
04-28-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com