Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7986LC Datasheet (PDF) - Belden Inc.

7986LC Datasheet PDF - Belden Inc.
Part # 7986LC
Download  7986LC Download
File Size   168.24 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Surveillance CCTV, RG-59 #20 BC, 95% BC Braid, CMP-FHC 25/50

7986LC Datasheet (PDF)

Go To PDF Page Download Datasheet
7986LC Datasheet PDF - Belden Inc.

Part # 7986LC
Download  7986LC Click to download

File Size   168.24 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Surveillance CCTV, RG-59 #20 BC, 95% BC Braid, CMP-FHC 25/50

7986LC Datasheet (HTML) - Belden Inc.


7986LC Product details

Product Description
Surveillance & CCTV Cable, RG59, Plenum-CMP-FHC 25/50, 20 AWG bare copper foam FEP core, 95% bare copper braid, FEP jacket




Similar Part No. - 7986LC

ManufacturerPart #DatasheetDescription
logo
Sonardyne sound in dept...
7986 SONARDYNE-7986 Datasheet
87Kb / 2P
Lightweight Release Transponder (LRT)
7986-000-01 SONARDYNE-7986-000-01 Datasheet
87Kb / 2P
Lightweight Release Transponder (LRT)
7986-009 SONARDYNE-7986-009 Datasheet
87Kb / 2P
Lightweight Release Transponder (LRT)
More results


Similar Description - 7986LC

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1505A BELDEN-1505A Datasheet
251Kb / 4P
Serial Digital Coax, RG59, #20 Solid BC, Foil 95% TC Braid, CMR
1506A BELDEN-1506A Datasheet
244Kb / 4P
Serial Digital Coax, RG59, 20 AWG Solid BC, Duofoil짰 95% TC Braid, CMP
1695A BELDEN-1695A Datasheet
246Kb / 4P
Serial Digital Coax, RG6, #18 Solid BC, Foil 95% TC braid, CMP
1855P BELDEN-1855P Datasheet
241Kb / 3P
Serial Digital Coax, Sub-miniature, #23 Solid BC, Foil 95% TC braid, CMP
7731A BELDEN-7731A Datasheet
247Kb / 4P
Serial Digital Coax, RG11, #14 Solid BC, Foil 95% TC braid, CMR
7732A BELDEN-7732A Datasheet
240Kb / 3P
Serial Digital Coax, RG11, #14 Solid BC, Foil 95% TC braid, CMP
1505F BELDEN-1505F Datasheet
243Kb / 2P
75 Ohm SDI Coax, RG-59, 22 AWG Str BC, Double 95% TC Braid
8241 BELDEN-8241 Datasheet
235Kb / 2P
75 Ohm Analog Video Coax, RG-59, 23 AWG Solid BCCS, 95% BC Braid, PVC Jkt, CM
6400UE BELDEN-6400UE Datasheet
163Kb / 2P
Security & Sound, 2 Conductor 20 AWG, BC, CMP
12-20-2022
7733A BELDEN-7733A Datasheet
145Kb / 2P
50 Ohm Wireless Transmission Coax, RG-8, 10 AWG Solid BC, Foil 90% TC Braid, PVDF Jkt, CMP, Low Loss
04-14-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com