Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8232A Datasheet (PDF) - Belden Inc.

8232A Datasheet PDF - Belden Inc.
Part # 8232A
Download  8232A Download
File Size   173.01 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Video Triax, RG59, #20 Solid, CMR/CMG

8232A Datasheet (PDF)

Go To PDF Page Download Datasheet
8232A Datasheet PDF - Belden Inc.

Part # 8232A
Download  8232A Click to download

File Size   173.01 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Video Triax, RG59, #20 Solid, CMR/CMG

8232A Datasheet (HTML) - Belden Inc.


8232A Product details

Product Description
20 AWG solid .032" bare copper conductor, gas-injected foam HDPE insulation, bare copper braid shields (95% and 80% coverage), PVC jacket.




Similar Part No. - 8232A

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8232 FILTRAN-8232 Datasheet
257Kb / 2P
LAN 10 BASE-T Surface Mount Interface Modules
logo
API Technologies Corp
8232 APITECH-8232 Datasheet
1Mb / 2P
10 Base-T Surface Mount Interface Modules
logo
Belden Inc.
8232 BELDEN-8232 Datasheet
151Kb / 3P
Video Triax, RG59, #20 Solid
11-09-2022
logo
Christian Bürkert GmbH ...
8232 BURKERT-8232 Datasheet
1,021Kb / 17P
Chlorine sensor
13.12.2022
logo
Sealevel Systems, Inc.
8232 SEALEVEL-8232 Datasheet
666Kb / 2P
USB to 8 Inputs / 8 Form C High-Current Relay Outputs Digital Interface Adapter
More results


Similar Description - 8232A

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SD1945-4-9 WINCHESTER-SD1945-4-9 Datasheet
87Kb / 1P
TNC TRIAX PLUG
SD1965-15-9 WINCHESTER-SD1965-15-9 Datasheet
57Kb / 1P
BNC TRIAX PLUG
logo
Pasternack Enterprises,...
PE-B159-BK PASTERNACK-PE-B159-BK Datasheet
104Kb / 1P
MINI-RG59 PRECISION VIDEO COAXIAL CABLE
PE-B159-BL PASTERNACK-PE-B159-BL Datasheet
104Kb / 1P
MINI-RG59 PRECISION VIDEO COAXIAL CABLE
PE-B159-GR PASTERNACK-PE-B159-GR Datasheet
104Kb / 1P
MINI-RG59 PRECISION VIDEO COAXIAL CABLE
PE-B159-RD PASTERNACK-PE-B159-RD Datasheet
104Kb / 1P
MIN-RG59 PRECISION VIDEO COAXIAL CABLE
PE-B159-WH PASTERNACK-PE-B159-WH Datasheet
104Kb / 1P
MINI-RG59 PRECISION VIDEO COAXIAL CABLE
PE-B159-YW PASTERNACK-PE-B159-YW Datasheet
104Kb / 1P
MINI-RG59 PRECISION VIDEO COAXIAL CABLE
logo
Belden Inc.
1505A BELDEN-1505A Datasheet
251Kb / 4P
Serial Digital Coax, RG59, #20 Solid BC, Foil 95% TC Braid, CMR
4505R BELDEN-4505R Datasheet
242Kb / 4P
12 GHz Coax, 4K UHD Precision Video Cable, RG-59, 75 Ohm, 20 AWG Solid, CMR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com