Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8233A Datasheet (PDF) - Belden Inc.

8233A Datasheet PDF - Belden Inc.
Part # 8233A
Download  8233A Download
File Size   150.7 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Triax, RG11, 14 AWG Solid BC, Double BC Braids, PVC Jkt, CMR

8233A Datasheet (PDF)

Go To PDF Page Download Datasheet
8233A Datasheet PDF - Belden Inc.

Part # 8233A
Download  8233A Click to download

File Size   150.7 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Triax, RG11, 14 AWG Solid BC, Double BC Braids, PVC Jkt, CMR

8233A Datasheet (HTML) - Belden Inc.


8233A Product details

Product Description
Triax, RG11, 14 AWG Solid Bare Copper Conductor, PE Insulation, 95% Bare Copper Braid Shield, PVC Insulation, 80% Bare Copper Braid Shield, PVC
Jacket, CMR




Similar Part No. - 8233A

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8233 FILTRAN-8233 Datasheet
257Kb / 2P
LAN 10 BASE-T Surface Mount Interface Modules
logo
API Technologies Corp
8233 APITECH-8233 Datasheet
1Mb / 2P
10 Base-T Surface Mount Interface Modules
logo
Belden Inc.
8233 BELDEN-8233 Datasheet
150Kb / 3P
Video Triax, RG11, #14 Solid
11-09-2022
logo
Santronics Inc
8233 SCS-8233 Datasheet
301Kb / 1P
8200 SERIES DISSIPATIVE VINYL THREE-LAYER MATS AND ROLLS
October 2022
logo
Belden Inc.
8233-0101000 BELDEN-8233-0101000 Datasheet
150Kb / 3P
Video Triax, RG11, #14 Solid
11-09-2022
More results


Similar Description - 8233A

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C4347A GENERAL-C4347A Datasheet
211Kb / 1P
2C 14 AWG Solid BC OAS PVC / PVC Fire Alarm / Life Safety Cable
E3052S GENERAL-E3052S Datasheet
57Kb / 1P
2C 14 AWG 19/.0147 BC PVC / PVC
E3512S GENERAL-E3512S Datasheet
57Kb / 1P
2C 16 AWG SOLID BC PVC / PVC
E3612S GENERAL-E3612S Datasheet
57Kb / 1P
2C 16 AWG SOLID BC OAS PVC / PVC
logo
Belden Inc.
7731A BELDEN-7731A Datasheet
247Kb / 4P
Serial Digital Coax, RG11, #14 Solid BC, Foil 95% TC braid, CMR
7732A BELDEN-7732A Datasheet
240Kb / 3P
Serial Digital Coax, RG11, #14 Solid BC, Foil 95% TC braid, CMP
11700A BELDEN-11700A Datasheet
278Kb / 3P
DataTuff짰 5e, 4 Bonded-Pr #24 Sol BC, PO Ins, PVC Jkt, PVC Jkt, MSHA CMR
11872A BELDEN-11872A Datasheet
263Kb / 3P
DataTuff짰 6, 4 Bonded-Pr #24 Sol BC, PO Ins, PVC Jkt, PVC Jkt, CMR
1811A BELDEN-1811A Datasheet
185Kb / 2P
Speaker Cable, 8 Conductor 14 AWG BC, Unshielded, PVC Jkt
04-24-2023
7915A BELDEN-7915A Datasheet
158Kb / 3P
Broadband Coax, Series 6, 18 AWG Solid BC, Tri-Shield, PVC Jkt, CM
04-14-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com