Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8241A Datasheet (PDF) - Belden Inc.

8241A Datasheet PDF - Belden Inc.
Part # 8241A
Download  8241A Download
File Size   163.07 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Analog Video, RG59, #23 Solid BCCS, 95% BC Braid, PVC Jacket, CMG

8241A Datasheet (PDF)

Go To PDF Page Download Datasheet
8241A Datasheet PDF - Belden Inc.

Part # 8241A
Download  8241A Click to download

File Size   163.07 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Analog Video, RG59, #23 Solid BCCS, 95% BC Braid, PVC Jacket, CMG

8241A Datasheet (HTML) - Belden Inc.


8241A Product details

Product Description
23 AWG solid .023" bare copper-covered steel conductor, flame-retardant semi-foam Polyethylene insulation, bare copper braid shield (95% coverage), PVC
jacket.




Similar Part No. - 8241A

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8241 FILTRAN-8241 Datasheet
198Kb / 1P
LAN 10/100 BASE-T Single Port Transformer Modules
logo
Mallory performance clu...
8241 MALLORY-8241 Datasheet
995Kb / 2P
MSD Blaster Ford 4-Tower Coil Pack
logo
API Technologies Corp
8241 APITECH-8241 Datasheet
659Kb / 1P
10/100 BASE-T Single Port Transformer Module
logo
Belden Inc.
8241 BELDEN-8241 Datasheet
235Kb / 2P
75 Ohm Analog Video Coax, RG-59, 23 AWG Solid BCCS, 95% BC Braid, PVC Jkt, CM
logo
Santronics Inc
8241 SCS-8241 Datasheet
301Kb / 1P
8200 SERIES DISSIPATIVE VINYL THREE-LAYER MATS AND ROLLS
October 2022
More results


Similar Description - 8241A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1505A BELDEN-1505A Datasheet
251Kb / 4P
Serial Digital Coax, RG59, #20 Solid BC, Foil 95% TC Braid, CMR
1506A BELDEN-1506A Datasheet
244Kb / 4P
Serial Digital Coax, RG59, 20 AWG Solid BC, Duofoil짰 95% TC Braid, CMP
1695A BELDEN-1695A Datasheet
246Kb / 4P
Serial Digital Coax, RG6, #18 Solid BC, Foil 95% TC braid, CMP
1794A BELDEN-1794A Datasheet
275Kb / 4P
Serial Digital Coax, RG7 Type, #16 Solid BC, Foil 95% TC braid, CMR
1855A BELDEN-1855A Datasheet
247Kb / 4P
Serial Digital Coax, Sub-miniature, #23 Solid BC, Foil 95% TC braid, CMR
1855P BELDEN-1855P Datasheet
241Kb / 3P
Serial Digital Coax, Sub-miniature, #23 Solid BC, Foil 95% TC braid, CMP
7731A BELDEN-7731A Datasheet
247Kb / 4P
Serial Digital Coax, RG11, #14 Solid BC, Foil 95% TC braid, CMR
7732A BELDEN-7732A Datasheet
240Kb / 3P
Serial Digital Coax, RG11, #14 Solid BC, Foil 95% TC braid, CMP
183092A BELDEN-183092A Datasheet
246Kb / 3P
ControlNet?? (1) 18 AWG Solid BCCS, FPE/PVC/PVC, FoilAlum Braid Shld, Alum Armor, CL2R, CMR
8241 BELDEN-8241 Datasheet
235Kb / 2P
75 Ohm Analog Video Coax, RG-59, 23 AWG Solid BCCS, 95% BC Braid, PVC Jkt, CM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com