Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CKM Datasheet (PDF) - Sensata Technologies, Inc.

CKM Datasheet PDF - Sensata Technologies, Inc.
Part # CKM
Download  CKM Download
File Size   316.95 Kbytes
Page   3 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description DIN RAIL MOUNT

CKM Datasheet (PDF)

Go To PDF Page Download Datasheet
CKM Datasheet PDF - Sensata Technologies, Inc.

Part # CKM
Download  CKM Click to download

File Size   316.95 Kbytes
Page   3 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description DIN RAIL MOUNT

CKM Datasheet (HTML) - Sensata Technologies, Inc.


CKM Product details

Features
• Ratings from 10A to 30A @ 60 VDC
• Slim 22.5mm (width) package
• Low Leakage MOSFET Output
• LED input status indicator
• DC control
• DIN Rail and Panel Mount




Similar Part No. - CKM

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
CKM CRYDOM-CKM Datasheet
545Kb / 4P
DIN Rail Mount
logo
GREATECS
CKM GREATECS-CKM Datasheet
919Kb / 1P
High Security Keylock Switches with 횠16mm Bushing
logo
Mitsumi Electronics, Co...
CKM-A24 MITSUMI-CKM-A24 Datasheet
272Kb / 2P
PC Card Connectors
CKM-A25 MITSUMI-CKM-A25 Datasheet
272Kb / 2P
PC Card Connectors
CKM-E25 MITSUMI-CKM-E25 Datasheet
134Kb / 2P
Mini USB Hub
More results


Similar Description - CKM

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
CKM CRYDOM-CKM Datasheet
545Kb / 4P
DIN Rail Mount
CKR48 CRYDOM-CKR48 Datasheet
1Mb / 5P
DIN Rail Mount
CMR24 CRYDOM-CMR24 Datasheet
1Mb / 5P
DIN Rail Mount
CTRD6025 CRYDOM-CTRD6025 Datasheet
711Kb / 5P
DIN RAIL MOUNT
CKRD4810 CRYDOM-CKRD4810_11 Datasheet
749Kb / 5P
DIN rail mount
CMRD2435 CRYDOM-CMRD2435_11 Datasheet
654Kb / 5P
DIN rail mount
CMRD6035 CRYDOM-CMRD6035_11 Datasheet
656Kb / 5P
DIN rail mount
DR24D06 CRYDOM-DR24D06_13 Datasheet
770Kb / 7P
DIN rail mount
DRA3P48D2 CRYDOM-DRA3P48D2 Datasheet
976Kb / 5P
DIN rail mount
CKR24 CRYDOM-CKR24_17 Datasheet
586Kb / 5P
DIN Rail Mount
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com