Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D06D Datasheet (PDF) - Sensata Technologies, Inc.

D06D Datasheet PDF - Sensata Technologies, Inc.
Part # D06D
Download  D06D Download
File Size   535.3 Kbytes
Page   7 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description DC OUTPUT PANEL MOUNT SOLID STATE RELAYS

D06D Datasheet (PDF)

Go To PDF Page Download Datasheet
D06D Datasheet PDF - Sensata Technologies, Inc.

Part # D06D
Download  D06D Click to download

File Size   535.3 Kbytes
Page   7 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description DC OUTPUT PANEL MOUNT SOLID STATE RELAYS

D06D Datasheet (HTML) - Sensata Technologies, Inc.


D06D Product details

Features
• Ratings from 60 A to 100 A @ 60 VDC
• Mosfet Output
• UL Approved, CE Compliant to EN60950-1
• Improved SEMS Screw and Washer
• Redesigned Housing with Anti-Rotation Barriers
• DC Control
• EMC Compliant to Level 3
• Epoxy Free Design




Similar Part No. - D06D

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
D06D CRYDOM-D06D Datasheet
589Kb / 4P
Panel Mount
D06D100 CRYDOM-D06D100 Datasheet
589Kb / 4P
Panel Mount
D06D100 CRYDOM-D06D100 Datasheet
1Mb / 20P
THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
D06D100 CRYDOM-D06D100 Datasheet
630Kb / 4P
panel mount
D06D60 CRYDOM-D06D60 Datasheet
589Kb / 4P
Panel Mount
More results


Similar Description - D06D

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
700-SH ALLEN-BRADLEY-700-SH Datasheet
598Kb / 7P
Solid-State Relays
logo
Omron Electronics LLC
G3NE OMRON-G3NE_1 Datasheet
452Kb / 8P
Solid State Relays
logo
Tyco Electronics
TS5-1Y MACOM-TS5-1Y Datasheet
79Kb / 2P
DC SOLID STATE RELAYS
logo
Crydom Inc.,
SDR24D12 CRYDOM-SDR24D12 Datasheet
1Mb / 6P
DIN RAIL MOUNTED AC & DC OUTPUT SOLID STATE RELAYS
logo
PHOENIX CONTACT
2982689 PHOENIX-2982689 Datasheet
168Kb / 4P
Solid-State Relays
logo
List of Unclassifed Man...
RS3-1D40-21 ETC2-RS3-1D40-21 Datasheet
923Kb / 1P
Panel Mount, Heavy Duty, SPST?묿O, Solid State AC and DC Power Relays, Solid State AC and DC Power Relays
RSSDN-10A ETC2-RSSDN-10A Datasheet
221Kb / 4P
RSS Series-Panel Mount Solid State Relays
logo
GREEGOO Electric Co.,Lt...
GRV1024PW GREEGOO-GRV1024PW Datasheet
428Kb / 1P
Solid State Relays
logo
Sensata Technologies, I...
CX-SERIES SENSATA-CX-SERIES Datasheet
304Kb / 5P
PCB MOUNT SOLID STATE RELAYS
Rev. B
logo
Teledyne Technologies I...
ST24D12 TELEDYNE-ST24D12 Datasheet
672Kb / 3P
Output to 50A, 600Vac DC Control Solid-State Relays
04/2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com