Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DC60 Datasheet (PDF) - Sensata Technologies, Inc.

DC60 Datasheet PDF - Sensata Technologies, Inc.
Part # DC60
Download  DC60 Download
File Size   749.0 Kbytes
Page   7 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description PANEL MOUNT

DC60 Datasheet (PDF)

Go To PDF Page Download Datasheet
DC60 Datasheet PDF - Sensata Technologies, Inc.

Part # DC60
Download  DC60 Click to download

File Size   749.0 Kbytes
Page   7 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description PANEL MOUNT

DC60 Datasheet (HTML) - Sensata Technologies, Inc.


DC60 Product details

Features
• Ratings from 3A to 7A @ 60 VDC
• Bi-Polar Transistor Output
• UL Approved, CE Compliant to EN60950-1
• Improved SEMS Screw and Washer
• Redesigned Housing with Anti-Rotation Barriers
• AC and DC Control
• Epoxy Free Design




Similar Part No. - DC60

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DC60 MICROCHIP-DC60 Datasheet
3Mb / 416P
16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
2016-2018
logo
Intronics Power, Inc.
DC600 INTRONICS-DC600 Datasheet
134Kb / 1P
3.0 WATT SINGLE & DUAL OUTPUT DC-DC CONVERTERS
DC600-I INTRONICS-DC600-I Datasheet
114Kb / 1P
3.0 WATT HIGH ISOLATION DC-DC CONVERTERS
logo
Kingston Technology Far...
DC600M KINGSTON-DC600M Datasheet
176Kb / 2P
Enterprise Class Mixed-Use SSD with Power Loss Protection
logo
Analog Devices
DC607A AD-DC607A Datasheet
223Kb / 5P
Isolated Full Bridge Converter
More results


Similar Description - DC60

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
3RHP_AC CRYDOM-3RHP_AC Datasheet
938Kb / 6P
Panel Mount
3RHP_DC CRYDOM-3RHP_DC Datasheet
939Kb / 6P
Panel Mount
D06D CRYDOM-D06D Datasheet
589Kb / 4P
Panel Mount
H12WD CRYDOM-H12WD Datasheet
756Kb / 5P
Panel Mount
B53TP25C CRYDOM-B53TP25C Datasheet
678Kb / 5P
PANEL MOUNT
A53TP25D CRYDOM-A53TP25D_11 Datasheet
778Kb / 6P
panel mount
D1D07 CRYDOM-D1D07 Datasheet
890Kb / 5P
panel mount
D06D60 CRYDOM-D06D60_12 Datasheet
630Kb / 4P
panel mount
D2425D CRYDOM-D2425D Datasheet
775Kb / 5P
panel mount
logo
Pepperl+Fuchs Inc.
V1D-M16-V1D PF-V1D-M16-V1D Datasheet
141Kb / 1P
panel mount
2018-11-13
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com