Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR45 Datasheet (PDF) - Sensata Technologies, Inc.

DR45 Datasheet PDF - Sensata Technologies, Inc.
Part # DR45
Download  DR45 Download
File Size   496.04 Kbytes
Page   6 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description AC SINGLE PHASE OUTPUT DIN RAIL MOUNT SSRS

DR45 Datasheet (PDF)

Go To PDF Page Download Datasheet
DR45 Datasheet PDF - Sensata Technologies, Inc.

Part # DR45
Download  DR45 Click to download

File Size   496.04 Kbytes
Page   6 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description AC SINGLE PHASE OUTPUT DIN RAIL MOUNT SSRS

DR45 Datasheet (HTML) - Sensata Technologies, Inc.


DR45 Product details

• Output ratings up to 60 Amps at 600 VAC
• Built-in overvoltage protection
• Integral heat sink eliminates the need for complex
thermal calculations
• Cage clamp terminal type accept up to 3 AWG wire size
• IP20 touch-safe housing
• Contactor configuration
• AC or DC control
• C-UL-US Listed and VDE approved
• Plastic injection molding equipment
• Packaging equipment
• Industrial ovens
• Lighting control
• Pump control
• Conveyor drives
• HVAC&R
• Railway vehicles
Features
Applications




Similar Part No. - DR45

ManufacturerPart #DatasheetDescription
logo
YUXIANG Magnetc materia...
DR4.9¡¿2.7 YUXIANG-DR4.9¡¿2.7 Datasheet
118Kb / 5P
IFI OSCIL ATE COLI
DR4.9¡¿5 YUXIANG-DR4.9¡¿5 Datasheet
118Kb / 5P
IFI OSCIL ATE COLI
logo
FLEXTRAL
DR40 FLEXTRAL-DR40 Datasheet
1Mb / 1P
DR40 10K Cementing & Mud Hose
V06.21
DR40-200 FLEXTRAL-DR40-200 Datasheet
1Mb / 1P
DR40 10K Cementing & Mud Hose
V06.21
logo
List of Unclassifed Man...
DR400 ETC-DR400 Datasheet
568Kb / 2P
Digital Readout Dials
More results


Similar Description - DR45

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
AD1024F MPD-AD1024F Datasheet
292Kb / 2P
Very Low Cost, 20W DIN Rail Mount Single Output AC/DC Power Supplies
AD1072F MPD-AD1072F Datasheet
292Kb / 2P
Very Low Cost, 72W DIN Rail Mount Single Output AC/DC Power Supplies
MDR-24S MPD-MDR-24S Datasheet
353Kb / 2P
Low Cost, 24W DIN Rail Mount Single Output AC/DC Power Supplies
logo
RSG Electronic Componen...
DPP120-12 RSG-DPP120-12 Datasheet
403Kb / 3P
120W & 240W Single Output DIN Rail Mount Power Supplies
DPP480-24-1 RSG-DPP480-24-1 Datasheet
306Kb / 3P
480W Single Output DIN Rail Mount Power Supplies
DRF120 RSG-DRF120 Datasheet
552Kb / 6P
120W - 480W Single Output DIN Rail Mount Power Supplies
logo
Powerbox
PBB9C POWERBOX-PBB9C Datasheet
150Kb / 1P
50-200W SINGLE OUTPUT AC/DC DIN RAIL
logo
Mean Well Enterprises C...
NDR-480 MEANWELL-NDR-480 Datasheet
622Kb / 4P
480W Single Output Industrial DIN RAIL
logo
Total Power Internation...
EDR-75 TOTAL-POWER-EDR-75 Datasheet
1Mb / 4P
75W SINGLE OUTPUT INDUSTRIAL DIN RAIL
logo
Crydom Inc.,
84134010H CRYDOM-84134010H Datasheet
673Kb / 8P
AC Output SSRs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com