Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS Datasheet (PDF) - Sensata Technologies, Inc.

GMS Datasheet PDF - Sensata Technologies, Inc.
Part # GMS
Download  GMS Download
File Size   253.02 Kbytes
Page   3 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description I/O MODULES

GMS Datasheet (PDF)

Go To PDF Page Download Datasheet
GMS Datasheet PDF - Sensata Technologies, Inc.

Part # GMS
Download  GMS Click to download

File Size   253.02 Kbytes
Page   3 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description I/O MODULES

GMS Datasheet (HTML) - Sensata Technologies, Inc.


GMS Product details

Features
• DIN Rail Mountable Single Point Input Modules
• AC Inputs (Yellow Top), DC Inputs (White Top)
• UL, cUL Recognized, CE Compliant
• 4kV Optical isolation
• Input and Output Barrier Strips Accept 14 to 28 AWG Wire
• Open-Collector Output, with LED Status Indicator




Similar Part No. - GMS

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
GMS SENSATA-GMS Datasheet
380Kb / 3P
17.5mm OUTPUT MODULES
Rev:06/08/18
logo
Phoenix Mecano S.E. Asi...
GMS 11 BOPLA-GMS 11 Datasheet
2Mb / 22P
Cable glands / General Accessories
GMS 13 BOPLA-GMS 13 Datasheet
2Mb / 22P
Cable glands / General Accessories
GMS 16 BOPLA-GMS 16 Datasheet
2Mb / 22P
Cable glands / General Accessories
GMS 21 BOPLA-GMS 21 Datasheet
2Mb / 22P
Cable glands / General Accessories
More results


Similar Description - GMS

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
C4_INPUT CRYDOM-C4_INPUT Datasheet
1Mb / 4P
I/O Modules
C4_OUTPUT CRYDOM-C4_OUTPUT Datasheet
1Mb / 4P
I/O Modules
M_INPUT CRYDOM-M_INPUT Datasheet
456Kb / 4P
I/O Modules
M_OUTPUT CRYDOM-M_OUTPUT Datasheet
1Mb / 5P
I/O Modules
PB4 CRYDOM-PB4 Datasheet
350Kb / 3P
I/O Modules
PB4C4 CRYDOM-PB4C4 Datasheet
352Kb / 3P
I/O Modules
PB4H CRYDOM-PB4H Datasheet
354Kb / 3P
I/O Modules
PB-8M CRYDOM-PB-8M Datasheet
1Mb / 3P
I/O Modules
logo
Balluff Korea Ltd.
BNI00F4 BALLUFF-BNI00F4 Datasheet
132Kb / 2P
I/O modules
BNI0041 BALLUFF-BNI0041 Datasheet
118Kb / 2P
I/O modules
0.46_2021-08-25
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com