Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1991383 Datasheet (PDF) - PHOENIX CONTACT

1991383 Datasheet PDF - PHOENIX CONTACT
Part # 1991383
Download  1991383 Download
File Size   345.42 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FFKDSA1/H1-5,08- 6 - PCB terminal block

1991383 Datasheet (PDF)

Go To PDF Page Download Datasheet
1991383 Datasheet PDF - PHOENIX CONTACT

Part # 1991383
Download  1991383 Click to download

File Size   345.42 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FFKDSA1/H1-5,08- 6 - PCB terminal block

1991383 Datasheet (HTML) - PHOENIX CONTACT


1991383 Product details

PCB terminal block, nominal current: 15 A, rated voltage (III/2): 400 V, nominal cross section: 1.5
mm2, number of potentials: 6, number of rows: 1, number of positions per row: 6, product range:
FFKDS(A)/H1, pitch: 5.08 mm, connection method: Push-in spring connection, mounting: Wave
soldering, conductor/PCB connection direction: 0 °, color: green, Pin layout: Linear pinning,
Solder pin [P]: 3.4 mm, number of solder pins per potential: 2, type of packaging: packed in
cardboard

Your advantages
• Time saving push-in connection, tools not required
• Defined contact force ensures that contact remains stable over the long term
• Intuitive operation due to color-coded actuating push button
• Operation and conductor connection from one direction enable integration into front of device
• Two solder pins reduce the mechanical strain on the soldering spots
• The latching on the side enables various numbers of positions to be combined




Similar Part No. - 1991383

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1991309 PHOENIX-1991309 Datasheet
56Kb / 4P
PCB terminal block - PT 2,5/ 3-5,0-H (1,3)
1991338 PHOENIX-1991338 Datasheet
59Kb / 4P
PCB terminal block - MKDSN 2,5/ 7-5,08
1991341 PHOENIX-1991341 Datasheet
59Kb / 4P
PCB terminal block - MKDSN 2,5/10-5,08
1991367 PHOENIX-1991367 Datasheet
56Kb / 4P
PCB terminal block - PT 1.5/ 9-PVH-5.0-BK
1991396 PHOENIX-1991396 Datasheet
344Kb / 9P
FFKDSA1/H1-5,08- 9 - PCB terminal block
More results


Similar Description - 1991383

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1700431 PHOENIX-1700431 Datasheet
95Kb / 4P
PCB terminal block - FFKDSA1/H1-5,08- 7
1780808 PHOENIX-1780808 Datasheet
121Kb / 5P
PCB terminal block - FFKDSA1/H1-5,08- 2
1791282 PHOENIX-1791282 Datasheet
52Kb / 3P
PCB terminal block - FFKDSA1/H1-5,08- 4
1791295 PHOENIX-1791295 Datasheet
52Kb / 3P
PCB terminal block - FFKDSA1/H1-5,08- 5
1890358 PHOENIX-1890358 Datasheet
53Kb / 3P
PCB terminal block - FFKDSA1/H1-5,08- 8
1890950 PHOENIX-1890950 Datasheet
52Kb / 3P
PCB terminal block - FFKDSA1/H1-5,08-10
1906417 PHOENIX-1906417 Datasheet
53Kb / 3P
PCB terminal block - FFKDSA1/H1-5,08-16
1907348 PHOENIX-1907348 Datasheet
120Kb / 5P
PCB terminal block - FFKDSA1/H1-5,08- 3
1929753 PHOENIX-1929753 Datasheet
59Kb / 4P
PCB terminal block - FFKDSA1/H1-7,62- 6
1932708 PHOENIX-1932708 Datasheet
52Kb / 3P
PCB terminal block - FFKDSA1/H1-5,08-12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com