Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRH Datasheet (PDF) - Sensata Technologies, Inc.

DRH Datasheet PDF - Sensata Technologies, Inc.
Part # DRH
Download  DRH Download
File Size   527.34 Kbytes
Page   9 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description DIN RAIL MOUNT SOLID STATE CONTACTORS

DRH Datasheet (PDF)

Go To PDF Page Download Datasheet
DRH Datasheet PDF - Sensata Technologies, Inc.

Part # DRH
Download  DRH Click to download

File Size   527.34 Kbytes
Page   9 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description DIN RAIL MOUNT SOLID STATE CONTACTORS

DRH Datasheet (HTML) - Sensata Technologies, Inc.


DRH Product details

Features
• Ratings up to 18 & 20 Amps at 600 VAC
• Fits standard 35 mm DIN Rail
• Integrated over-temperature protection
• Alarm output in case of over-temperature
• Multicolor LED with input status and alarm indicator
• AC or DC control
• Zero Voltage (resistive loads) or instantaneous (inductive loads) turn-on
output
• C-UL-US Listed, IEC Rated, CE & RoHS Compliant, Horsepower Rated
• Built-in Overvoltage Protection
• Fan controlled through thermistor and microprocessor to optimize fan
operation




Similar Part No. - DRH

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
DRH CRYDOM-DRH Datasheet
578Kb / 2P
DIN Rail Mount
DRH CRYDOM-DRH Datasheet
972Kb / 8P
DIN Rail Mount
logo
Mean Well Enterprises C...
DRH-120 MEANWELL-DRH-120 Datasheet
252Kb / 2P
120W Single Output Industrial DIN RAIL Power Supply
DRH-120 MEANWELL-DRH-120 Datasheet
277Kb / 2P
120W Single Output Industrial DIN RAIL Power Supply
logo
Total Power Internation...
DRH-120 TOTAL-POWER-DRH-120 Datasheet
317Kb / 2P
120W Single Output Industrial DIN RAIL Power Supply
More results


Similar Description - DRH

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
3RHP CRYDOM-3RHP Datasheet
431Kb / 2P
Hybrid Solid State Contactors
logo
celduc-relais
XKA20420R CELDUC-XKA20420R Datasheet
45Kb / 2P
Solid State Relay for DIN rail fixation
XKA21420 CELDUC-XKA21420 Datasheet
378Kb / 2P
Solid State Relay for DIN rail fixation
XKD11306D CELDUC-XKD11306D Datasheet
130Kb / 2P
Solid State Relay for DIN rail fixation
XKH20120 CELDUC-XKH20120 Datasheet
186Kb / 2P
Solid State Relay for DIN rail fixation
XKM22440 CELDUC-XKM22440 Datasheet
99Kb / 2P
Solid State Relay for DIN rail fixation
XKR24440 CELDUC-XKR24440 Datasheet
100Kb / 2P
Solid State Relay for DIN rail fixation
XKRD30506 CELDUC-XKRD30506 Datasheet
368Kb / 2P
Solid State Relay for DIN rail fixation
logo
Omron Electronics LLC
G3JS403BLDC1224 OMRON-G3JS403BLDC1224 Datasheet
260Kb / 4P
Soft-start Solid State Contactors
logo
celduc-relais
XKD CELDUC-XKD Datasheet
620Kb / 3P
Solid State Relay for DIN rail fixation
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com