Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6430 Datasheet (PDF) - Christian Bürkert GmbH & Co. KG

6430 Datasheet PDF - Christian Bürkert GmbH & Co. KG
Part # 6430
Download  6430 Download
File Size   1119.35 Kbytes
Page   19 Pages
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG
Description Piston valve, 3/2-way, servo-assisted

6430 Datasheet (PDF)

Go To PDF Page Download Datasheet
6430 Datasheet PDF - Christian Bürkert GmbH & Co. KG

Part # 6430
Download  6430 Click to download

File Size   1119.35 Kbytes
Page   19 Pages
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG
Description Piston valve, 3/2-way, servo-assisted

6430 Datasheet (HTML) - Christian Bürkert GmbH & Co. KG


6430 Product details

The valve 6430 is a servo-assisted 3/2-way piston valve. If the valve is not supplied
with auxiliary pilot air, a minimum differential pressure is required for the function.
Variants: For neutral liquids and gases in the pressure range 1 - 16 bar in the function
NC and NO. - For technical vacuums up to 3 bar in the function NC and NO. -
With auxiliary pilot air for vacuums up to 8 bar in the function NC and NO. All variants
are available as an impulse version to secure the switching position even in the
event of power interruptions. The Type 6430 is equipped with a manual override for
start-up or manual operation (exception: impulse version). To reduce electrical
power consumption during operation, coils with integrated “Kick and Drop” (KD)
electronics featuring double coil technology are available. A maintenance-free,
media-separated 3/2-way pivoted armature valve Type 0331 is used as a pilot
valve. In combination with a plug to DIN EN 175301 – 803 Form A, the valves satisfy
degree of protection IP65.
Type description




Similar Part No. - 6430

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
6430 TEKTRONIX-6430 Datasheet
293Kb / 4P
Sub-femtoamp Remote SourceMeter짰 SMU Instrument
logo
Alpha Wire
6430 ALPHAWIRE-6430 Datasheet
410Kb / 4P
18 (19/30) AWG Tinned Copper
logo
TEKTRONIX, INC
6430 KEITHLEY-6430 Datasheet
292Kb / 4P
Sub-femtoamp Remote SourceMeter SMU Instrument
6430-322-1B KEITHLEY-6430-322-1B Datasheet
292Kb / 4P
Sub-femtoamp Remote SourceMeter SMU Instrument
6430-3Y-EW KEITHLEY-6430-3Y-EW Datasheet
292Kb / 4P
Sub-femtoamp Remote SourceMeter SMU Instrument
More results


Similar Description - 6430

ManufacturerPart #DatasheetDescription
logo
Bedford Opto Technology...
BOT123 BOT-BOT123 Datasheet
37Kb / 2P
3 Way 2 Tier 3mm LED Array
logo
Sensortechnics GmbH
003-0137-900 SENSORTECHNICS-003-0137-900 Datasheet
99Kb / 4P
General purpose 2-way and 3-way soleniod valves
logo
Transcom, Inc.
TPD03-02G04S TRANSCOM-TPD03-02G04S Datasheet
84Kb / 1P
2-4GHz 3-Way Power Divider
TPD03-02G08S TRANSCOM-TPD03-02G08S Datasheet
86Kb / 1P
2-8GHz 3-Way Power Divider
TPD03-02G18BS TRANSCOM-TPD03-02G18BS Datasheet
86Kb / 1P
2-18GHz 3-Way Power Divider
logo
TT Electronics.
DS1581 TTELEC-DS1581 Datasheet
325Kb / 1P
2, 3 & 5 Valve Manifolds
DS1591 TTELEC-DS1591 Datasheet
309Kb / 1P
Servo-Acting Valve
logo
Festo Corporation.
151160 FESTO-151160 Datasheet
91Kb / 2P
One-way flow control valve
151167 FESTO-151167 Datasheet
93Kb / 2P
One-way flow control valve
151189 FESTO-151189 Datasheet
92Kb / 1P
One-way flow control valve
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com