Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDSLC5V0M Datasheet (PDF) - Goodwork Semiconductor Co., Ltd .

ESDSLC5V0M Datasheet PDF - Goodwork Semiconductor Co., Ltd .
Part # ESDSLC5V0M
Download  ESDSLC5V0M Download
File Size   645.41 Kbytes
Page   3 Pages
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .
Description Unidirectional configurations

ESDSLC5V0M Datasheet (PDF)

Go To PDF Page Download Datasheet
ESDSLC5V0M Datasheet PDF - Goodwork Semiconductor Co., Ltd .

Part # ESDSLC5V0M
Download  ESDSLC5V0M Click to download

File Size   645.41 Kbytes
Page   3 Pages
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .
Description Unidirectional configurations

ESDSLC5V0M Datasheet (HTML) - Goodwork Semiconductor Co., Ltd .


ESDSLC5V0M Product details

Features
■ SOT-723 package
■ Unidirectional configurations
■ R2R + Zener technology
■ Low clamping voltage
■ Low leakage current
■ Ultra low capacitance (Cj=0.3pF typ.)
■ Protection data/power line to:
IEC 61000-4-2 ±10kV contact ±18kV air
IEC 61000-4-4 (EFT) 40A (5/50ns)
IEC 61000-4-5 (Lightning) 3A (8/20μs)
■ RoHS compliant

Applications
■ High-Definition Multimedia Interface(HDMI)
■ Mobile Display Digital Interface(MDDI)
■ RF/Antenna Circuits
■ USB & Firewire Ports
■ HBT Power Amp Protection
■Infiniband Transceiver Protection




Similar Part No. - ESDSLC5V0M

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
ESDSLC5V0LB MCC-ESDSLC5V0LB Datasheet
618Kb / 4P
Low clamping voltage
logo
TECH PUBLIC Electronics...
ESDSLC5V0LTB-TP TECHPUBLIC-ESDSLC5V0LTB-TP Datasheet
1Mb / 4P
2-Line Ultra Low Capacitance TVS Diode
More results


Similar Description - ESDSLC5V0M

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJUSB05-4 PANJIT-PJUSB05-4 Datasheet
263Kb / 3P
SOT23-6L package allows five separate unidirectional configurations
logo
Shanghai Semitech Semic...
ESD5Z5V SEMITECH-ESD5Z5V Datasheet
122Kb / 3P
Unidirectional Configurations
ESD9X3V3 SEMITECH-ESD9X3V3 Datasheet
201Kb / 3P
Unidirectional Configurations
ESD9X5V SEMITECH-ESD9X5V Datasheet
222Kb / 3P
Unidirectional Configurations
SD05 SEMITECH-SD05 Datasheet
169Kb / 4P
Unidirectional Configurations
SD05C SEMITECH-SD05C Datasheet
126Kb / 3P
Unidirectional Configurations
SD05H SEMITECH-SD05H Datasheet
155Kb / 4P
Unidirectional Configurations
logo
M/A-COM Technology Solu...
MA4E20XX MA-COM-MA4E20XX Datasheet
751Kb / 4P
Multiple Configurations
logo
Guangdong Youtai Semico...
SM12T1G UMW-SM12T1G Datasheet
341Kb / 5P
SOT−23 Package Allows Either Two Separate Unidirectional Configurations or a Single Bidirectional Configuration
SMXXT1G UMW-SMXXT1G Datasheet
341Kb / 5P
SOT−23 Package Allows Either Two Separate Unidirectional Configurations or a Single Bidirectional Configuration
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com