Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESDNC2FD12VBHD2 Datasheet (PDF) - Goodwork Semiconductor Co., Ltd .

PESDNC2FD12VBHD2 Datasheet PDF - Goodwork Semiconductor Co., Ltd .
Part # PESDNC2FD12VBHD2
Download  PESDNC2FD12VBHD2 Download
File Size   598.82 Kbytes
Page   5 Pages
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .
Description Bi-directional 12V Normal Capacitance ESD Protecto r

PESDNC2FD12VBHD2 Datasheet (PDF)

Go To PDF Page Download Datasheet
PESDNC2FD12VBHD2 Datasheet PDF - Goodwork Semiconductor Co., Ltd .

Part # PESDNC2FD12VBHD2
Download  PESDNC2FD12VBHD2 Click to download

File Size   598.82 Kbytes
Page   5 Pages
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .
Description Bi-directional 12V Normal Capacitance ESD Protecto r

PESDNC2FD12VBHD2 Datasheet (HTML) - Goodwork Semiconductor Co., Ltd .


PESDNC2FD12VBHD2 Product details

Description
The PESDNC2FD12VBHD2 protects sensitive semiconductor components from damage or upset due to
electrostatic discharge (ESD) and other voltage induced transient events.
It gives designer the flexibility to protect one bi-directional line in applications where arrays are not practical.
They feature large cross-sectional area junctions for conducting high transient currents,
offer desirable electrical characteristics for board level protection, such as fast response time, low operating voltage.

Feature
 250W peak pulse power per line (tP = 8/20μs)
 DFN1006-2L package
 Replacement for MLV(0402)
 Bidirectional configurations
 Response time is typically < 1ns
 Low clamping voltage
 RoHS compliant
 Transient protection for data lines to
IEC61000-4-2(ESD) ±30KV(air), ±30KV(contact);
IEC61000-4-4 (EFT) 40A (5/50ns)

Applications
 Cellular phones
 Portable devices
 Digital cameras
Power supplies




Similar Part No. - PESDNC2FD12VBHD2

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
PESDNC2FD12VBH LEIDITECH-PESDNC2FD12VBH Datasheet
1Mb / 4P
BIDIRECTIONAL TVS DIODE
Rev 3.0 : 04.01.2021
More results


Similar Description - PESDNC2FD12VBHD2

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
STESD05CL SECOS-STESD05CL Datasheet
412Kb / 3P
Low Capacitance ESD Protection (Bi-directional)
STESDL05C SECOS-STESDL05C Datasheet
400Kb / 3P
Low Capacitance ESD Protection (Bi-directional)
KS05BL4 SECOS-KS05BL4 Datasheet
265Kb / 3P
Low Capacitance ESD Protection (Bi-directional)
KS05ML4 SECOS-KS05ML4 Datasheet
379Kb / 3P
Low Capacitance ESD Protection (Bi-directional)
STESD03C SECOS-STESD03C Datasheet
275Kb / 3P
Low Capacitance ESD Protection (Bi-directional)
STESDL05C-C SECOS-STESDL05C-C Datasheet
330Kb / 3P
Low Capacitance ESD Protection (Bi-directional)
STESD05CL-C SECOS-STESD05CL-C Datasheet
345Kb / 3P
Low Capacitance ESD Protection (Bi-directional)
STESD03C-C SECOS-STESD03C-C Datasheet
199Kb / 3P
Low Capacitance ESD Protection (Bi-directional)
logo
Will Semiconductor Ltd.
ESD9B5VD WILLSEMI-ESD9B5VD Datasheet
329Kb / 5P
1-Line, Bi-directional, Normal-Capacitance, Transient Voltage Suppressors
ESD9N5B WILLSEMI-ESD9N5B Datasheet
423Kb / 6P
1-Line, Bi-directional, Normal-Capacitance, Transient Voltage Suppressor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com