Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTVSHC1DF12VBHFL Datasheet (PDF) - Goodwork Semiconductor Co., Ltd .

PTVSHC1DF12VBHFL Datasheet PDF - Goodwork Semiconductor Co., Ltd .
Part # PTVSHC1DF12VBHFL
Download  PTVSHC1DF12VBHFL Download
File Size   1128.55 Kbytes
Page   5 Pages
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .
Description Bi-directional 12V High Capacitance TVS Protecto r

PTVSHC1DF12VBHFL Datasheet (PDF)

Go To PDF Page Download Datasheet
PTVSHC1DF12VBHFL Datasheet PDF - Goodwork Semiconductor Co., Ltd .

Part # PTVSHC1DF12VBHFL
Download  PTVSHC1DF12VBHFL Click to download

File Size   1128.55 Kbytes
Page   5 Pages
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .
Description Bi-directional 12V High Capacitance TVS Protecto r

PTVSHC1DF12VBHFL Datasheet (HTML) - Goodwork Semiconductor Co., Ltd .


PTVSHC1DF12VBHFL Product details

Description
The PTVSHC1DF12VBHFL transient voltage suppressor is designed to replace multilayer varistors (MLVs)
in portable applications such as cell phones, notebook computers, and PDA’s.
They feature large cross-sectional area junctions for conducting high transient currents,
offer desirable electrical characteristics for board level protection, such as fast response time,
lower operating voltage, lower clamping voltage and no device degradation when compared to MLVs.
The PTVSHC1DF12VBHFL protects sensitive semiconductor components from damage
or upset due to electrostatic discharge (ESD) and other voltage induced transient events.
The PTVSHC1DF12VBHFL is available in a SOD-123FL package with working voltages of 12 volt.
It is used to meet the ESD immunity requirements of IEC 61000-4-2.

Feature
4000W Peak pulse power per line (tP = 8/20μs)
SOD-123FL package
Response time is typically < 1 ns
Protect one I/O or power line
Low clamping Voltage
RoHS compliant
Transient protection for data lines to IEC 61000-4-2(ESD)
±30KV(air), ±30KV(contact); IEC 61000-4-4 (EFT) 80A (5/50ns)

Applications
Cell phone handsets and accessories
Personal digital assistants (PDA’s)
Notebooks, desktops, and servers
Portable instrumentation
Cordless phones
Digital cameras
Peripherals
MP3 players




Similar Part No. - PTVSHC1DF12VBHFL

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
PTVSHC3N12VU LEIDITECH-PTVSHC3N12VU Datasheet
1Mb / 4P
1-Line High Power TVS Diode
Rev 2.0 : 12.01.2019
More results


Similar Description - PTVSHC1DF12VBHFL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ESD0P2RF-02LRH INFINEON-ESD0P2RF-02LRH_10 Datasheet
622Kb / 8P
Bi-directional Ultra Low Capacitance TVS Diode
2010-04-12
ESD8V0R1B-02LSE6327 INFINEON-ESD8V0R1B-02LSE6327 Datasheet
614Kb / 7P
Bi-directional Low Capacitance TVS Diode
2009-12-18
ESD103-B1-02 INFINEON-ESD103-B1-02 Datasheet
649Kb / 14P
Bi-directional Femto Farad Capacitance TVS Diode
Revision 1.3, 2014-06-12
logo
Diodes Incorporated
D5V0L2B3SO DIODES-D5V0L2B3SO Datasheet
106Kb / 4P
CHANNEL LOW CAPACITANCE BI-DIRECTIONAL TVS ARRAY
Rev 5
logo
Infineon Technologies A...
ESD204-B1-02ELS INFINEON-ESD204-B1-02ELS Datasheet
1Mb / 12P
Bi-directional Low Capacitance TVS Diode
Revision 1.2, 2013-05-17
ESD8V0R1B-02LRH INFINEON-ESD8V0R1B-02LRH Datasheet
614Kb / 7P
Bi-directional Low Capacitance TVS Diode
2009-12-18
logo
Shanghai Leiditech Elec...
ESDA05CP3 LEIDITECH-ESDA05CP3 Datasheet
424Kb / 3P
2-Line Low Capacitance Bi-Directional TVS
logo
TECH PUBLIC Electronics...
ESD5V0B05-923 TECHPUBLIC-ESD5V0B05-923 Datasheet
913Kb / 4P
Low Capacitance Bi-directional TVS Diode
logo
SHIKUES Electronics
GBLCXXCI SKTECHNOLGY-GBLCXXCI Datasheet
1Mb / 2P
Bi-directional Ultra Low Capacitance TVS Array
logo
TECH PUBLIC Electronics...
AZ5423-01F TECHPUBLIC-AZ5423-01F Datasheet
1Mb / 4P
Low Capacitance Bi-directional TVS Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com