Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDX Datasheet (PDF) - Goodwork Semiconductor Co., Ltd .

SDX Datasheet PDF - Goodwork Semiconductor Co., Ltd .
Part # SDX
Download  SDX Download
File Size   1976.93 Kbytes
Page   2 Pages
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .
Description Unidirectional TVS Diodes

SDX Datasheet (PDF)

Go To PDF Page Download Datasheet
SDX Datasheet PDF - Goodwork Semiconductor Co., Ltd .

Part # SDX
Download  SDX Click to download

File Size   1976.93 Kbytes
Page   2 Pages
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .
Description Unidirectional TVS Diodes

SDX Datasheet (HTML) - Goodwork Semiconductor Co., Ltd .


SDX Product details

Description
The SDxx Series is designed for applications requiring transient over voltage protection capability. They are
intended for use in voltage and ESD sensitive equipment such as computers, printers, business machines,
communication systems, medical equipment and other applications. These devices are ideal for situations
where board space is at a premium.

Features
 IEC61000-4-2(ESD) ±15kV(air), ±8kV(contact)
 IEC61000-4-4(EFT) 40A(5/50ηs)
 350Watts Peak Pulse Power per (tp=8/20us)
 Protects one I/O line(unidirectional)
 Low clamping voltage
 Working voltages: 3.3V to 36V
 Low leakage current

Applications
 Cell Phone Handsets and Accessories
 Microprocessor based equipment
 Personal Digital Assistants(PDA’s)
 Notebooks, Desktops, and Servers
 Portable Instrumentation
 Networking and Telecom
 Serial and Parallel Ports
 Peripherals




Similar Part No. - SDX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDX005IND4 ETC2-SDX005IND4 Datasheet
155Kb / 4P
Compensated pressure sensors in DIP package
logo
Sensortechnics GmbH
SDX005IND4 SENSORTECHNICS-SDX005IND4 Datasheet
71Kb / 4P
Compensated pressure sensors in DIP package
logo
List of Unclassifed Man...
SDX010IND4 ETC2-SDX010IND4 Datasheet
155Kb / 4P
Compensated pressure sensors in DIP package
logo
Sensortechnics GmbH
SDX010IND4 SENSORTECHNICS-SDX010IND4 Datasheet
71Kb / 4P
Compensated pressure sensors in DIP package
SDX01D4 SENSORTECHNICS-SDX01D4 Datasheet
94Kb / 4P
Low cost compensated pressure sensors in DIP package
More results


Similar Description - SDX

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
YSDAXX01P YEASHIN-YSDAXX01P Datasheet
894Kb / 3P
UNIDIRECTIONAL TVS DIODE
logo
SHIKUES Electronics
SD03 SKTECHNOLGY-SD03 Datasheet
740Kb / 3P
Unidirectional TVS Diodes
logo
Shanghai Leiditech Elec...
SD08 LEIDITECH-SD08 Datasheet
306Kb / 3P
Unidirectional TVS Diode
SDA08T1 LEIDITECH-SDA08T1 Datasheet
284Kb / 3P
UNIDIRECTIONAL TVS DIODE
SDA1501P LEIDITECH-SDA1501P Datasheet
636Kb / 3P
UNIDIRECTIONAL TVS DIODE
ULC9L5V LEIDITECH-ULC9L5V Datasheet
1Mb / 4P
UNIDIRECTIONAL TVS DIODE
logo
Rectron Semiconductor
TEPXX RECTRON-TEPXX Datasheet
192Kb / 5P
Unidirectional TVS Diodes
logo
Littelfuse
SC1105-01UTG LITTELFUSE-SC1105-01UTG Datasheet
1Mb / 6P
TVS Diode Arrays (SPA ? Diodes) SC11xx Series Discrete Unidirectional TVS Diode
Revision: 10/16/20
logo
AiT Semiconductor Inc.
SD03 AITSEMI-SD03 Datasheet
372Kb / 5P
350W UNIDIRECTIONAL TVS DIODES
REV1.0
logo
Guangdong Youtai Semico...
SD03 UMW-SD03 Datasheet
435Kb / 3P
Unidirectional TVS Diodes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com