Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWR1642 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
AWR1642 Datasheet PDF - Texas Instruments
Part # AWR1642
Download  AWR1642 Download
File Size   2208.1 Kbytes
Page   75 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description AWRL6432 Single-Chip 57- to 64GHz Automotive Radar Sensor

AWR1642 Datasheet (PDF)

Go To PDF Page Download Datasheet
AWR1642 Datasheet PDF - Texas Instruments

Part # AWR1642
Download  AWR1642 Click to download

File Size   2208.1 Kbytes
Page   75 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description AWRL6432 Single-Chip 57- to 64GHz Automotive Radar Sensor

AWR1642 Datasheet (HTML) - Texas Instruments


AWR1642 Product details

1 Features
• FMCW Transceiver
– Integrated PLL, transmitter, receiver, baseband
and ADC
– 57GHz - 64GHz coverage with 7GHz
continuous bandwidth
– 3 receive channels and 2 transmit channels
– Range typically up to 25m
– 11dBm typical output power per Tx
– 11dB Typical noise figure
– -89dBc/Hz typical phase noise at 1MHz
– FMCW operation
– 5MHz IF bandwidth, real-only Rx channels
– Ultra-accurate chirp engine based on fractional-
N PLL
– Per transmitter binary phase shifter
• Processing elements
– Arm® M4F® core with single precision FPU
(160MHz)
– TI Radar Hardware Accelerator (HWA 1.2)
for FFT, log magnitude, and CFAR operations
(80MHz)
• Supports multiple low-power modes
– Idle mode and deep sleep mode
• Power management
– 1.8V and 3.3V IO support
– Built-in LDO network for enhanced PSRR
– BOM-Optimized and Power-Optimized modes
– One or two power rails for 1.8V IO mode, two or
three power rails for 3.3V IO mode
• Built-in calibration and self-test
– Built-in Firmware (ROM)
– Self-Contained on chip calibration system
• Host Interface
– UART
– CAN-FD
– SPI
– LIN
• RDIF (Radar Data Interface) for raw ADC sample
capture
• Other interfaces available to user application
– QSPI
– I2C
– JTAG
– GPIOs
– PWM Interface
• Internal memory
– 1MB of On-Chip RAM
– Configurable L3 shared memory for Radar
Cube
– Data and Code RAM of (512/640/768KB)
• Functional Safety-Compliant Targeted
– Developed for functional safety applications
– Hardware integrity up to ASIL-B targeted
• FCCSP package having 12 x 12 BGA grid, 102
BGA balls; Package size: 6.45mm x 6.45mm
• AEC Q-100 Qualified
• Clock source
– 40.0MHz crystal for primary clock
– Supports externally driven clock (Square/Sine)
at 40.0MHz
– 32kHz internal oscillator for low power
operations
• Supports temperature operating range
– Operating junction temperature range: –40°C to
125°C

2 Applications
• Interior cabin sensing
• Child presence detection
• Occupancy detection
• Driver vital sign monitoring
• Seat belt reminder
• Intruder detection
• Gesture based HMI

3 Description
The AWRL6432 mmWave Sensor device is an integrated single chip mmWave sensor based on FMCW radar
technology. The device is capable of operation in the 57GHz to 63.9GHz band and is partitioned into mainly four
power domains:
• RF/Analog Sub-System: This block includes all the RF and Analog components required to transmit and
receive the RF signals.
• Front-End Controller sub-System (FECSS): FECSS contains processor, responsible for radar front-end
configuration, control, and calibration.
• Application Sub-System (APPSS): APPSS is where the device implements a user programmable ARM
Cortex M4 allowing for custom control and automotive interface applications. Top Sub-System (TOPSS) is
part of the APPSS power domain and contains the clocking and power management sub-blocks.
• Hardware Accelerator (HWA): HWA block supplements the APPSS by offloading common radar processing
such as FFT, Constant False Alarm rate (CFAR), scaling, and compression.
AWRL6432 is specifically designed to have separate control for each of the above-mentioned power domains to
control the states (power ON or OFF) based on use case requirements. The device also features the capability
to exercise various low-power states like sleep and deep sleep, where low-power sleep mode is achieved by
clock gating and by turning off the internal IP blocks of the device. The device also provides the option of
keeping some contents of the device, like Application image or RF profile retained in such scenarios.
Additionally, the device is built with TI’s low power 45nm RF CMOS process and enables unprecedented
levels of integration in an extremely small form factor. AWRL6432 is designed for low power, self-monitored,
ultra-accurate radar systems in the automotive space for applications like child presence detection, intrusion
monitoring, gesture detection, and occupancy detection.




Similar Part No. - AWR1642

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AWR1642 TI1-AWR1642 Datasheet
3Mb / 84P
Single-Chip 77- and 79-GHz FMCW Radar Sensor
AWR1642 TI1-AWR1642 Datasheet
3Mb / 88P
Single-Chip 77- and 79-GHz FMCW Radar Sensor
AWR1642 TI2-AWR1642 Datasheet
2Mb / 88P
AWR1642 Single-Chip 77 and 79GHz FMCW Radar sensor
REVISED SEPTEMBER 2024
AWR1642ABIGABLQ1 TI1-AWR1642ABIGABLQ1 Datasheet
3Mb / 88P
Single-Chip 77- and 79-GHz FMCW Radar Sensor
AWR1642ABIGABLQ1 TI2-AWR1642ABIGABLQ1 Datasheet
2Mb / 88P
AWR1642 Single-Chip 77 and 79GHz FMCW Radar sensor
REVISED SEPTEMBER 2024
More results


Similar Description - AWR1642

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AWR1443 TI1-AWR1443 Datasheet
1Mb / 76P
Single-Chip 77- and 79-GHz FMCW Radar Sensor
AWR1642 TI1-AWR1642 Datasheet
3Mb / 84P
Single-Chip 77- and 79-GHz FMCW Radar Sensor
AWR1642 TI1-AWR1642_18 Datasheet
3Mb / 88P
Single-Chip 77- and 79-GHz FMCW Radar Sensor
AWR1443 TI1-AWR1443_18 Datasheet
1Mb / 76P
Single-Chip 77- and 79-GHz FMCW Radar Sensor
AWR1843 TI1-AWR1843 Datasheet
2Mb / 77P
Single-Chip 77- and 79-GHz FMCW Radar Sensor
AWRL6432 TI-AWRL6432 Datasheet
1Mb / 64P
AWRL6432 Single-Chip 57- to 64-GHz Automotive Radar Sensor
DECEMBER 2022
IWRL6432 TI-IWRL6432 Datasheet
1Mb / 64P
IWRL6432 Single-Chip 57- to 64-GHz Industrial Radar Sensor
DECEMBER 2022
AWRL1432 TI1-AWRL1432 Datasheet
1Mb / 67P
AWRL1432 Single-Chip 76- to 81-GHz Automotive Radar Sensor
JULY 2023
IWR6243 TI1-IWR6243 Datasheet
1Mb / 62P
IWR6243 Single-Chip 57- to 64-GHz FMCW Transceiver
REVISED NOVEMBER 2022
IWRL1432 TI1-IWRL1432 Datasheet
1Mb / 68P
IWRL1432 Single-Chip 76- to 81-GHz Industrial Radar Sensor
JULY 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com