Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA181 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
INA181 Datasheet PDF - Texas Instruments
Part # INA181
Download  INA181 Download
File Size   2317.21 Kbytes
Page   52 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description INAx181-Q1 Automotive, Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers

INA181 Datasheet (PDF)

Go To PDF Page Download Datasheet
INA181 Datasheet PDF - Texas Instruments

Part # INA181
Download  INA181 Click to download

File Size   2317.21 Kbytes
Page   52 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description INAx181-Q1 Automotive, Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers

INA181 Datasheet (HTML) - Texas Instruments


INA181 Product details

1 Features
• AEC-Q100 qualified for automotive applications
– Temperature grade 1: –40°C ≤ TA ≤ 125°C
– HBM ESD classification level 2
– CDM ESD classification level C6
• Functional Safety-Capable
– Documentation available to aid functional safety
system design
• Common-mode range (VCM): –0.2V to 26V
• High bandwidth: 350kHz (A1 devices)
• Offset voltage:
– ±150μV (maximum) at VCM = 0V
– ±500μV (maximum) at VCM = 12V
• Output slew rate: 2V/μs
• Bidirectional current-sensing capability
• Accuracy:
– ±1% gain error (maximum)
– 1μV/°C offset drift (maximum)
• Gain options:
– 20V/V (A1 devices)
– 50V/V (A2 devices)
– 100V/V (A3 devices)
– 200V/V (A4 devices)
• Quiescent current: 260μA maximum (INA181-Q1)

2 Applications
• Motor control
• Battery monitors and balancers
• Power management
• Lighting control

3 Description
The INA181-Q1, INA2181-Q1, and INA4181-Q1
(INAx181-Q1) current sense amplifiers are designed
for cost-optimized applications. These devices are
part of a family of bidirectional, current-sense
amplifiers (also called current-shunt monitors) that
sense voltage drops across current-sense resistors
at common-mode voltages from –0.2V to 26V,
independent of the supply voltage. The INAx181-Q1
family integrates a matched resistor gain network in
four, fixed-gain device options: 20V/V, 50V/V, 100V/V,
or 200V/V. This matched gain resistor network
minimizes gain error and reduces the temperature
drift.
These devices operate from a single 2.7-V to 5.5-V
power supply. The single-channel INA181-Q1 draws
a maximum supply current of 260μA; whereas, the
dual-channel INA2181-Q1 draws a maximum supply
current of 500μA, and the quad-channel INA4181-Q1
draws a maximum supply current of 900μA.
The INA181-Q1 is available in both the 6-pin, SOT-23
and SC70 packages. The INA2181-Q1 is available
in a 10-pin, VSSOP package. The INA4181-Q1 is
available in a 20-pin, TSSOP package. All device
options are specified over the extended operating
temperature range of –40°C to 125°C.




Similar Part No. - INA181

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA181 TI1-INA181 Datasheet
1Mb / 32P
Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifier
INA181 TI1-INA181 Datasheet
1Mb / 34P
INAx181 Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifier
INA181 TI1-INA181 Datasheet
1Mb / 43P
Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA181 TI1-INA181 Datasheet
1Mb / 46P
Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA181 TI1-INA181 Datasheet
1Mb / 47P
Automotive, Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
More results


Similar Description - INA181

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA181 TI1-INA181_17 Datasheet
1Mb / 34P
INAx181 Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifier
INA181_017 TI1-INA181_017 Datasheet
1Mb / 43P
Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA181 TI1-INA181_18 Datasheet
1Mb / 46P
Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA180-Q1 TI1-INA180-Q1 Datasheet
1Mb / 37P
Automotive, Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA181-Q1 TI1-INA181-Q1 Datasheet
1Mb / 43P
Automotive, Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA181-Q1 TI1-INA181-Q1_18 Datasheet
1Mb / 44P
Automotive, Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA180-Q1 TI1-INA180-Q1_19 Datasheet
1Mb / 39P
Automotive, Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA181-Q1 TI1-INA181-Q1_19 Datasheet
1Mb / 47P
Automotive, Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA181-Q1_1904 TI1-INA181-Q1_1904 Datasheet
1Mb / 49P
Automotive, bidirectional, low- and high-side voltage output, current-sense amplifiers
INA181 TI1-INA181_V01 Datasheet
2Mb / 56P
INAx181 Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com