Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2422 Datasheet (PDF) - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
LM2422 Datasheet PDF - National Semiconductor (TI)
Part # LM2422
Download  LM2422 Download
File Size   602.16 Kbytes
Page   8 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description 220V Monolithic Triple Channel 30 MHz CRT DTV Driver

LM2422 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2422 Datasheet PDF - National Semiconductor (TI)

Part # LM2422
Download  LM2422 Click to download

File Size   602.16 Kbytes
Page   8 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description 220V Monolithic Triple Channel 30 MHz CRT DTV Driver

LM2422 Datasheet (HTML) - National Semiconductor (TI)




Similar Part No. - LM2422

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2422 NSC-LM2422 Datasheet
603Kb / 8P
220V Monolithic Triple Channel 30 MHz CRT DTV Driver
LM2422TE NSC-LM2422TE Datasheet
1Mb / 13P
220V Monolithic Triple Channel 30 MHz CRT DTV Driver
logo
Texas Instruments
LM2422TE TI1-LM2422TE Datasheet
846Kb / 15P
Monolithic Triple Channel 30 MHz CRT DTV Driver
More results


Similar Description - LM2422

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2426TE NSC-LM2426TE Datasheet
808Kb / 12P
Monolithic Triple Channel 30 MHz DTV Driver
LM2423 NSC-LM2423 Datasheet
733Kb / 11P
220V Monolithic Triple Channel 15 MHz CRT DTV Driver
LM2425 NSC-LM2425 Datasheet
1Mb / 11P
220V Monolithic Triple Channel 10 MHz CRT DTV Driver
LM2422 NSC-LM2422 Datasheet
603Kb / 8P
220V Monolithic Triple Channel 30 MHz CRT DTV Driver
LM2451 NSC-LM2451 Datasheet
1Mb / 12P
220V Monolithic Triple Channel 12 MHz DC Coupled CRT DTV Driver
LM2450 NSC-LM2450 Datasheet
1Mb / 12P
220V Monolithic Triple Channel 7 MHz DC Coupled CRT DTV Driver
LM2452 NSC-LM2452 Datasheet
1Mb / 12P
220V Monolithic Triple Channel 17 MHz DC Coupled CRT DTV Driver
LM2423 NSC-LM2423_06 Datasheet
1Mb / 11P
220V Monolithic Triple Channel 15 MHz CRT DTV Driver
LM2422TE NSC-LM2422TE Datasheet
1Mb / 13P
220V Monolithic Triple Channel 30 MHz CRT DTV Driver
logo
Texas Instruments
LM2422TE TI1-LM2422TE Datasheet
846Kb / 15P
Monolithic Triple Channel 30 MHz CRT DTV Driver
More results




About National Semiconductor (TI)


National Semiconductor was an American semiconductor company that was founded in 1959.
The company was known for its innovations in the field of analog and mixed-signal integrated circuits and was a leading supplier of power management and data conversion products.
National Semiconductor's products were used in a variety of applications including consumer electronics, industrial, automotive, and telecommunications.
The company was acquired by Texas Instruments in 2011 and its products and technologies continue to be developed and sold under the Texas Instruments brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com