Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

433945 Datasheet (PDF) - Belden Inc.

433945 Datasheet PDF - Belden Inc.
Part # 433945
Download  433945 Download
File Size   144.65 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Surveillance CCTV, RG-6 #18 Sol BC, FPE Core, BC Braid, LSZH Jkt

433945 Datasheet (PDF)

Go To PDF Page Download Datasheet
433945 Datasheet PDF - Belden Inc.

Part # 433945
Download  433945 Click to download

File Size   144.65 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Surveillance CCTV, RG-6 #18 Sol BC, FPE Core, BC Braid, LSZH Jkt

433945 Datasheet (HTML) - Belden Inc.


433945 Product details

Product Description
Surveillance, CCTV, RG-6, 18 AWG solid bare copper, foam PE core, 92% bare copper braid, LSZH jacket




Similar Part No. - 433945

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
433945RG6 ETC2-433945RG6 Datasheet
96Kb / 2P
NEW GENERATION(R) BY BELDEN 433945 HALOGEN FREE 1C18 70C sequential length marking
More results


Similar Description - 433945

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
7940T BELDEN-7940T Datasheet
189Kb / 3P
DataTuff® 6, 4 Bonded-Pr #23 Sol BC, PO Ins, LSZH Jkt, CMR CMG
2022 Belden, Inc
77905ELW BELDEN-77905ELW Datasheet
146Kb / 2P
KNX, 1PR 0.8mm Sol BC, LSZH ins, OS, LSZH Jkt, Cca
03-14-2023
77905ELV BELDEN-77905ELV Datasheet
146Kb / 2P
KNX, 1PR 0.8mm Sol BC, LSZH ins, OS, LSZH Jkt, B2ca
03-14-2023
77906ELV BELDEN-77906ELV Datasheet
160Kb / 2P
KNX, 2PR 0.8mm Sol BC, LSZH ins, OS, LSZH Jkt, B2ca
03-14-2023
77906ELW BELDEN-77906ELW Datasheet
159Kb / 2P
KNX, 2PR 0.8mm Sol BC, LSZH ins, OS, LSZH Jkt, Cca
03-14-2023
8049 BELDEN-8049 Datasheet
219Kb / 2P
Magnet Wire, #18 Sol BC, PUR/NYL Ins
05-05-2023
9571 BELDEN-9571 Datasheet
138Kb / 2P
Electronic, 2 C #18 Sol BC, PVC Ins, Red PVC Jkt, FPLR
05-05-2023
9574 BELDEN-9574 Datasheet
145Kb / 2P
Electronic, 2 C #18 Sol BC, PVC Ins, OS, Red PVC Jkt, FPLR
05-05-2023
9578 BELDEN-9578 Datasheet
154Kb / 2P
Electronic, 4 C #18 Sol BC, PVC Ins, OS, Red PVC Jkt, FPLR
05-05-2023
4304ULW BELDEN-4304ULW Datasheet
152Kb / 2P
Security & Sound, 6 Conductor 18 AWG BC, LSZH, Cca
06-09-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com