Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

543945 Datasheet (PDF) - Belden Inc.

543945 Datasheet PDF - Belden Inc.
Part # 543945
Download  543945 Download
File Size   154.68 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Surveillance CCTV, RG-59 #20 BC, 90% BC Braid, CMG

543945 Datasheet (PDF)

Go To PDF Page Download Datasheet
543945 Datasheet PDF - Belden Inc.

Part # 543945
Download  543945 Click to download

File Size   154.68 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Surveillance CCTV, RG-59 #20 BC, 90% BC Braid, CMG

543945 Datasheet (HTML) - Belden Inc.


543945 Product details

Product Description
Surveillance & CCTV Cable, RG59, Rated-CMG, 20 AWG solid bare copper, foam polyolefin core, 90% bare copper braid, PVC jacket




Similar Part No. - 543945

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
543945 ETC2-543945 Datasheet
24Kb / 3P
20 AWG solid bare copper conductor, foam polyethylene insulation, bare copper braid shield, PVC jacket, sequential footage marking every two feet.
543945 ETC2-543945 Datasheet
359Kb / 5P
Surveillance and CCTV Applications Shielded or Flooded for Use in Underground Ducts
logo
Festo Corporation.
543945 FESTO-543945 Datasheet
87Kb / 2P
Mini slide
logo
List of Unclassifed Man...
5439450091000 ETC2-5439450091000 Datasheet
24Kb / 3P
20 AWG solid bare copper conductor, foam polyethylene insulation, bare copper braid shield, PVC jacket, sequential footage marking every two feet.
543945009500 ETC2-543945009500 Datasheet
24Kb / 3P
20 AWG solid bare copper conductor, foam polyethylene insulation, bare copper braid shield, PVC jacket, sequential footage marking every two feet.
More results


Similar Description - 543945

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C8024 GENERAL-C8024 Datasheet
35Kb / 1P
RG 59/U Type Coaxial & 2/C 18 AWG Siamese CCTV - Cable
C8025 GENERAL-C8025 Datasheet
36Kb / 2P
RG 59/U Type Coaxial & 2/C 22 AWG Shielded Siamese CCTV - Cable
C8027 GENERAL-C8027 Datasheet
35Kb / 2P
RG 59/U Type Coaxial & 2/C 18 AWG Shielded Siamese CCTV - Cable
C8028 GENERAL-C8028 Datasheet
37Kb / 2P
RG 59/U Type Coaxial & 2/C 18 AWG Siamese CCTV - Cable
C8030 GENERAL-C8030 Datasheet
36Kb / 2P
RG 59/U Type Coaxial & 2/C 18 AWG Siamese CCTV- Plenum Cable
logo
Belden Inc.
1505A BELDEN-1505A Datasheet
251Kb / 4P
Serial Digital Coax, RG59, #20 Solid BC, Foil 95% TC Braid, CMR
1506A BELDEN-1506A Datasheet
244Kb / 4P
Serial Digital Coax, RG59, 20 AWG Solid BC, Duofoil짰 95% TC Braid, CMP
1505F BELDEN-1505F Datasheet
243Kb / 2P
75 Ohm SDI Coax, RG-59, 22 AWG Str BC, Double 95% TC Braid
8241 BELDEN-8241 Datasheet
235Kb / 2P
75 Ohm Analog Video Coax, RG-59, 23 AWG Solid BCCS, 95% BC Braid, PVC Jkt, CM
7733A BELDEN-7733A Datasheet
145Kb / 2P
50 Ohm Wireless Transmission Coax, RG-8, 10 AWG Solid BC, Foil 90% TC Braid, PVDF Jkt, CMP, Low Loss
04-14-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com