Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3206 Datasheet (PDF) - Sensata Technologies, Inc.

3206 Datasheet PDF - Sensata Technologies, Inc.
Part # 3206
Download  3206 Download
File Size   176.75 Kbytes
Page   3 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description ROTARY MOTION | PRECISION SENSOR

3206 Datasheet (PDF)

Go To PDF Page Download Datasheet
3206 Datasheet PDF - Sensata Technologies, Inc.

Part # 3206
Download  3206 Click to download

File Size   176.75 Kbytes
Page   3 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description ROTARY MOTION | PRECISION SENSOR

3206 Datasheet (HTML) - Sensata Technologies, Inc.


3206 Product details

Features
• Bushing Mount / Sleeve Bearing
• 7/8” to 1-3/4” Diameter Bushing Mount
• Wirewound 3, 5 and 10-Turn Precision Potentiometers




Similar Part No. - 3206

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3206 ETC-3206 Datasheet
232Kb / 2P
200 V - 1,000 V Three Phase Bridge
logo
Voltage Multipliers Inc...
3206 VMI-3206 Datasheet
235Kb / 2P
200 V - 1,000 V Three Phase Bridge 4.0 A - 5.0 A Forward Current 70 ns - 3000 ns Recovery Time
logo
KR Electronics, Inc.
3206 KR-3206 Datasheet
57Kb / 3P
31.6 MHz Bandpass Filter
logo
List of Unclassifed Man...
3206 ETC2-3206 Datasheet
68Kb / 1P
WASHERS
logo
Keystone Electronics Co...
3206 KEYSTONE-3206 Datasheet
423Kb / 1P
WASHERS
31-07 20th
More results


Similar Description - 3206

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM628 NSC-LM628 Datasheet
630Kb / 24P
Precision Motion Controller
logo
Nais(Matsushita Electri...
AMP2109 NAIS-AMP2109 Datasheet
575Kb / 2P
MOTION-DETECTING SENSOR
logo
Infineon Technologies A...
KMY10 INFINEON-KMY10 Datasheet
113Kb / 4P
Microwave Motion Sensor
1999-04-01
logo
Panasonic Semiconductor
EKMA PANASONIC-EKMA Datasheet
1Mb / 8P
MOTION SENSOR
logo
Telecommunication Elec...
TMS100 TELTRON-TMS100 Datasheet
883Kb / 2P
microwave motion sensor
TMS200 TELTRON-TMS200 Datasheet
850Kb / 2P
microwave motion sensor
TMS240 TELTRON-TMS240 Datasheet
883Kb / 2P
microwave motion sensor
TMS300 TELTRON-TMS300 Datasheet
785Kb / 2P
microwave motion sensor
logo
Mean Well Enterprises C...
PIR-045 MEANWELL-PIR-045 Datasheet
674Kb / 3P
Photoelectric Motion Sensor
logo
TE Connectivity Ltd
2396399 TEC-2396399 Datasheet
298Kb / 1P
MOTION STREETLIGHT SENSOR
Rev. A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com