Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8360 Datasheet (PDF) - Sensata Technologies, Inc.

8360 Datasheet PDF - Sensata Technologies, Inc.
Part # 8360
Download  8360 Download
File Size   206.47 Kbytes
Page   3 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description 360° NON-CONTACTING THROUGH-HOLE POSITION SENSOR

8360 Datasheet (PDF)

Go To PDF Page Download Datasheet
8360 Datasheet PDF - Sensata Technologies, Inc.

Part # 8360
Download  8360 Click to download

File Size   206.47 Kbytes
Page   3 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description 360° NON-CONTACTING THROUGH-HOLE POSITION SENSOR

8360 Datasheet (HTML) - Sensata Technologies, Inc.


8360 Product details

Features
• Non-contacting technology: Provides long life
• Output signal choices: Analog, PWM, CAN Bus
• Electrical angle: The standard version is available with rotational angles
in 15 degree increments, up to 360°
• Connector: Flying lead terminated w/6 pin AMP connector P/N 776434-1,
contact P/N 1924463-1, other options available
• Through-hole design: Fits around shaft, shaft options available
• Environmental: IP65-protected from dust and water jets
• Operating temperature: -40°C to 125°C
• Electrical protection: Overvoltage, short circuit, ESD
• Magnetic Shielding to 20G




Similar Part No. - 8360

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
8360 MALLORY-8360 Datasheet
677Kb / 8P
MSD Pro-Billet Ready-to-Run Distributor
logo
PHOENIX CONTACT
8360 PHOENIX-8360 Datasheet
392Kb / 19P
Inline analog input terminal, version for extreme conditions, 4 inputs, 2-wire connection method
logo
Abbatron All Rights Res...
8360-8375 ABBATRON-8360-8375 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Belden Inc.
83602 BELDEN-83602 Datasheet
183Kb / 2P
Electronic, 2 C #20 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
01-20-2023
83602-0021000 BELDEN-83602-0021000 Datasheet
183Kb / 2P
Electronic, 2 C #20 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
01-20-2023
More results


Similar Description - 8360

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
AMS22S BOURNS-AMS22S Datasheet
202Kb / 2P
AMS22S Non-Contacting Analog Rotary Position Sensor
AMS22B BOURNS-AMS22B_14 Datasheet
270Kb / 2P
Non-Contacting Analog Rotary Position Sensor
AMS22S BOURNS-AMS22S_14 Datasheet
269Kb / 2P
Non-Contacting Analog Rotary Position Sensor
AMS22U BOURNS-AMS22U_14 Datasheet
293Kb / 2P
Non-Contacting Analog Rotary Position Sensor
AMS22B5A1BHAS BOURNS-AMS22B5A1BHAS Datasheet
264Kb / 2P
Non-Contacting Analog Rotary Position Sensor
AMS22B5A1BLAF BOURNS-AMS22B5A1BLAF Datasheet
264Kb / 2P
Non-Contacting Analog Rotary Position Sensor
AMS22S5A1BHAF BOURNS-AMS22S5A1BHAF Datasheet
259Kb / 2P
Non-Contacting Analog Rotary Position Sensor
AMS22S5A1BHBF BOURNS-AMS22S5A1BHBF Datasheet
259Kb / 2P
Non-Contacting Analog Rotary Position Sensor
AMS22U5A1BHAR BOURNS-AMS22U5A1BHAR Datasheet
277Kb / 2P
Non-Contacting Analog Rotary Position Sensor
logo
TT Electronics.
8150 TTELEC-8150 Datasheet
525Kb / 5P
Hall Effect, Non-Contacting Position Sensor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com