Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FHK5 Datasheet (PDF) - Sensata Technologies, Inc.

FHK5 Datasheet PDF - Sensata Technologies, Inc.
Part # FHK5
Download  FHK5 Download
File Size   267.15 Kbytes
Page   4 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description PROFIBUS ABSOLUTE SINGLE-TURN ENCODER

FHK5 Datasheet (PDF)

Go To PDF Page Download Datasheet
FHK5 Datasheet PDF - Sensata Technologies, Inc.

Part # FHK5
Download  FHK5 Click to download

File Size   267.15 Kbytes
Page   4 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description PROFIBUS ABSOLUTE SINGLE-TURN ENCODER

FHK5 Datasheet (HTML) - Sensata Technologies, Inc.


FHK5 Product details

Features
• FHK515, standard encoder Ø58mm with Profibus interface
• Robust and compact conception
• Blind shaft Ø 15mm – reduction hub available
• Precision ball bearings with sealing joint
• High temperatures performances –40°C … +85°C
• Code disc made of unbreakable and durable plastic
• Resolution : 13 bits = 8192 steps/turn (max 16 bits)
• Polarity inversion and short circuit protection
• Highly integrated circuit in SMD-technology




Similar Part No. - FHK5

ManufacturerPart #DatasheetDescription
logo
ETA-USA
FHKJ-00X-U1 ETA-USA-FHKJ-00X-U1 Datasheet
516Kb / 4P
170 WATT AC-DC CONVERTER
FHKJ-FWX ETA-USA-FHKJ-FWX Datasheet
511Kb / 3P
170 WATT AC-DC CONVERTER
FHKJ01X-U ETA-USA-FHKJ01X-U Datasheet
516Kb / 4P
170 WATT AC-DC CONVERTER
FHKJ03X-U ETA-USA-FHKJ03X-U Datasheet
516Kb / 4P
170 WATT AC-DC CONVERTER
FHKJ04X-U ETA-USA-FHKJ04X-U Datasheet
516Kb / 4P
170 WATT AC-DC CONVERTER
More results


Similar Description - FHK5

ManufacturerPart #DatasheetDescription
logo
CUI INC
MAS10 CUI-MAS10 Datasheet
73Kb / 3P
absolute encoder
MAH36 CUI-MAH36 Datasheet
106Kb / 3P
absolute encoder
MAH17 CUI-MAH17 Datasheet
107Kb / 3P
absolute encoder
MAS17 CUI-MAS17 Datasheet
125Kb / 3P
absolute encoder
MAS60 CUI-MAS60 Datasheet
334Kb / 3P
absolute encoder
logo
Bourns Electronic Solut...
EAW0J-B24-AE0128L BOURNS-EAW0J-B24-AE0128L Datasheet
274Kb / 5P
Absolute encoder / absolute code output
logo
ASM GmbH
WS19KT ASM-SENSOR-WS19KT Datasheet
760Kb / 12P
Absolute Encoder Output
logo
Broadcom Corporation.
AS37-H39B BOARDCOM-AS37-H39B Datasheet
1Mb / 10P
39-Bit Battery Backup Multi-Turn Absolute Encoder
AS38-H39E BOARDCOM-AS38-H39E Datasheet
1Mb / 8P
39-Bit Energy-Harvesting Multi-Turn Absolute Encoder
logo
Pepperl+Fuchs Inc.
AHS58-0 PF-AHS58-0 Datasheet
305Kb / 6P
Singleturn absolute encoder
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com