Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8041 Datasheet (PDF) - Christian Bürkert GmbH & Co. KG

8041 Datasheet PDF - Christian Bürkert GmbH & Co. KG
Part # 8041
Download  8041 Download
File Size   1229.37 Kbytes
Page   19 Pages
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG
Description Insertion magnetic inductive flowmeter

8041 Datasheet (PDF)

Go To PDF Page Download Datasheet
8041 Datasheet PDF - Christian Bürkert GmbH & Co. KG

Part # 8041
Download  8041 Click to download

File Size   1229.37 Kbytes
Page   19 Pages
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG
Description Insertion magnetic inductive flowmeter

8041 Datasheet (HTML) - Christian Bürkert GmbH & Co. KG


8041 Product details

The electromagnetic flowmeter Type 8041 is made up of an electronic module and
a sensor consisting of PVDF or stainless steel material. It has been designed to
measure a flow rate of neutral and slightly aggressive fluids with a conductivity of
more than 20 μS/cm in DN 06…DN 400 pipes.
The Type 8041 is fitted with a 4…20 mA output, a pulse output and a relay output.
The different parameters can be set by means of 5 DIP switches, a push-button
and a 10-field LED bar graph.
This flowmeter is available either with a G 2" connection with a PVDF sensor or, a
G 2" or clamp connection with a stainless steel sensor which are designed for use
with an Insertion fitting Type S020.
The variant with a stainless steel sensor can be used in applications with higher
pressures (PN 16) and higher temperatures (150 °C).
Type description




Similar Part No. - 8041

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8041 FILTRAN-8041 Datasheet
191Kb / 1P
CHOKE Surface Mount Common Mode Choke
logo
RHOPOINT COMPONENTS
8041 RHOPOINT-8041 Datasheet
66Kb / 2P
DIP Reed Relays
logo
Videk Ltd
8041 VIDEK-8041 Datasheet
209Kb / 1P
Gender Changers & Port Savers Computer Port Savers
logo
Sonardyne sound in dept...
8041-000-01 SONARDYNE-8041-000-01 Datasheet
133Kb / 2P
Radian - Miniature Attitude & Heading Reference System
8041-000-02 SONARDYNE-8041-000-02 Datasheet
133Kb / 2P
Radian - Miniature Attitude & Heading Reference System
More results


Similar Description - 8041

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS6-69B FUJI-EDS6-69B Datasheet
233Kb / 16P
INTEGRAL TYPE ELECTROMAGNETIC FLOWMETER
EDS6-70B FUJI-EDS6-70B Datasheet
240Kb / 18P
SEPARATE TYPE ELECTROMAGNETIC FLOWMETER
logo
Panasonic Semiconductor
ZU-1890MU1 PANASONIC-ZU-1890MU1 Datasheet
151Kb / 10P
Manual Insertion Type Magnetic Card Reader
logo
TT Electronics.
DS1132 TTELEC-DS1132 Datasheet
495Kb / 2P
Platon Plastic VA Flowmeter
DS1170 TTELEC-DS1170 Datasheet
428Kb / 2P
Platon Anaesthetic VA Flowmeter
DS3911 TTELEC-DS3911 Datasheet
275Kb / 1P
GU Flowmeter Accessories
DS3921 TTELEC-DS3921 Datasheet
327Kb / 1P
PG/PGU Flowmeter Accessories
logo
ifm electronic Ltd.
SM8050 IFM-SM8050 Datasheet
294Kb / 4P
Magnetic-inductive flow meter
logo
Molex Electronics Ltd.
62202-9560 MOLEX-62202-9560 Datasheet
257Kb / 2P
10GBE 2-by-1 Magnetic Jack Insertion Tool
04-07-20
logo
Endress+Hauser Group Se...
BA01697D EH-BA01697D Datasheet
2Mb / 64P
Electromagnetic flowmeter
2022-06-01
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com