Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8045 Datasheet (PDF) - Christian Bürkert GmbH & Co. KG

8045 Datasheet PDF - Christian Bürkert GmbH & Co. KG
Part # 8045
Download  8045 Download
File Size   1247.27 Kbytes
Page   20 Pages
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG
Description Magnetic inductive Insertion flowmeter

8045 Datasheet (PDF)

Go To PDF Page Download Datasheet
8045 Datasheet PDF - Christian Bürkert GmbH & Co. KG

Part # 8045
Download  8045 Click to download

File Size   1247.27 Kbytes
Page   20 Pages
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG
Description Magnetic inductive Insertion flowmeter

8045 Datasheet (HTML) - Christian Bürkert GmbH & Co. KG


8045 Product details

The electromagnetic flowmeter Type 8045 is made up of an electronic module
including a backlit display, operating keys and a sensor consisting of PVDF or
stainless steel material. It has been designed to measure a flow rate of neutral and
slightly aggressive fluids with a conductivity of more than 20 μS/cm in DN 06…
DN 400 pipes.
The Type 8045 is equipped with a 4…20 mA output, a digital output (pulse output
by default). Some versions are equipped with two relay outputs and one digital
input. Two independent totalizers allow counting the flow rate.
This flowmeter is available either with a G 2" connection with a PVDF sensor or, a
G 2" or clamp connection with a stainless steel sensor which are designed for use
with an Insertion fitting Type S020.
The version with a stainless steel sensor can be used in applications with higher
pressures (PN 16) and higher temperatures (110 °C). The version with Alloy C22
electrodes has been designed for applications with aggressive fluids (chemicals)
and especially sea water applications.
Type description




Similar Part No. - 8045

ManufacturerPart #DatasheetDescription
logo
Sonardyne sound in dept...
8045 SONARDYNE-8045 Datasheet
95Kb / 2P
Compatt 5 Wideband Transponder - Heavy Load
logo
List of Unclassifed Man...
8045 ETC2-8045 Datasheet
1Mb / 16P
Its a complete tool kit that fits in your palm.
logo
Christian Bürkert GmbH ...
8045 BURKERT-8045 Datasheet
1Mb / 18P
Digital electropneumatic process controller for integrated mounting on process control valves
07.03.2024
8045 BURKERT-8045 Datasheet
2Mb / 31P
Digital electropneumatic Process Controller SideControl
07.03.2024
logo
Chemtronics. All rights...
8045 CHEMTRONICS-8045 Datasheet
540Kb / 2P
Soder-Wick® Rosin Flux Desoldering Braid
9/18 Rev. G
More results


Similar Description - 8045

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS6-69B FUJI-EDS6-69B Datasheet
233Kb / 16P
INTEGRAL TYPE ELECTROMAGNETIC FLOWMETER
EDS6-70B FUJI-EDS6-70B Datasheet
240Kb / 18P
SEPARATE TYPE ELECTROMAGNETIC FLOWMETER
logo
Panasonic Semiconductor
ZU-1890MU1 PANASONIC-ZU-1890MU1 Datasheet
151Kb / 10P
Manual Insertion Type Magnetic Card Reader
logo
TT Electronics.
DS1132 TTELEC-DS1132 Datasheet
495Kb / 2P
Platon Plastic VA Flowmeter
DS1170 TTELEC-DS1170 Datasheet
428Kb / 2P
Platon Anaesthetic VA Flowmeter
DS3911 TTELEC-DS3911 Datasheet
275Kb / 1P
GU Flowmeter Accessories
DS3921 TTELEC-DS3921 Datasheet
327Kb / 1P
PG/PGU Flowmeter Accessories
logo
ifm electronic Ltd.
SM8050 IFM-SM8050 Datasheet
294Kb / 4P
Magnetic-inductive flow meter
logo
Molex Electronics Ltd.
62202-9560 MOLEX-62202-9560 Datasheet
257Kb / 2P
10GBE 2-by-1 Magnetic Jack Insertion Tool
04-07-20
logo
Endress+Hauser Group Se...
BA01697D EH-BA01697D Datasheet
2Mb / 64P
Electromagnetic flowmeter
2022-06-01
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com