Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8619 Datasheet (PDF) - Christian Bürkert GmbH & Co. KG

8619 Datasheet PDF - Christian Bürkert GmbH & Co. KG
Part # 8619
Download  8619 Download
File Size   933.97 Kbytes
Page   12 Pages
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG
Description Inline flowmeter with paddle wheel, ELEMENT design

8619 Datasheet (PDF)

Go To PDF Page Download Datasheet
8619 Datasheet PDF - Christian Bürkert GmbH & Co. KG

Part # 8619
Download  8619 Click to download

File Size   933.97 Kbytes
Page   12 Pages
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG
Description Inline flowmeter with paddle wheel, ELEMENT design

8619 Datasheet (HTML) - Christian Bürkert GmbH & Co. KG


8619 Product details

The paddle wheel device Type 8036 is specially designed for measuring the flow
rate in solid-free liquids in a variety of applications (water, waste water monitoring,
chemical processing, etc.).
The device is made up of a compact sensor-fitting with paddle wheel (Type S030)
and a transmitter (Type SE36). The device is quickly and easily assembled thanks
to a bayonet mounting and locking system. The Bürkert “Inline quarter-turn” technology
ensures a leakage-free operation.
The Bürkert-designed sensor-fitting system ensures simple installation of the
device into all pipelines from DN 06…DN 65.
The device is available either with 2 configurable outputs (1 transistor output (NPN)
and (1 current output 4…20 mA, 2-wire), or with 3 configurable outputs (2 transistor
outputs (NPN/PNP) and 1 current output 4…20 mA, 2-wire) or with 4 configurable
outputs (2 transistor outputs (NPN/PNP) and (2 current outputs 4…20 mA, 3-wire).
The device converts the measured signal, displays different values in different units
(if the display/configuration module is mounted) and computes the output signals
which are provided via one or two M12 fixed connectors. Thanks to 1 or 2 transistor
outputs, the flowmeter can be used to switch a solenoid valve, activate an alarm
and, thanks to 1 or 2 current outputs, establish one or two control loops.
Type description




Similar Part No. - 8619

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8619 FILTRAN-8619 Datasheet
176Kb / 2P
Chokes Data Communication Circuits
logo
API Technologies Corp
8619 APITECH-8619 Datasheet
1Mb / 2P
Data Communication Circuits
logo
Belden Inc.
8619 BELDEN-8619 Datasheet
214Kb / 2P
Electronic, 19 C #18 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
logo
Christian Bürkert GmbH ...
8619 BURKERT-8619 Datasheet
1Mb / 20P
Inline positive displacement (PD) flowmeter or Inline batch controller
18.12.2023
8619 BURKERT-8619 Datasheet
1Mb / 21P
Flowmeter with paddle wheel for continuous flow measure-ment
13.11.2023
More results


Similar Description - 8619

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SD161 ETC1-SD161 Datasheet
4Mb / 13P
SEGA PADDLE CONTROLLER WITH TURBO FUNCTION
logo
Fuji Electric
EDS6-69B FUJI-EDS6-69B Datasheet
233Kb / 16P
INTEGRAL TYPE ELECTROMAGNETIC FLOWMETER
logo
Baumer IVO GmbH & Co. K...
MA20 IVO-MA20 Datasheet
317Kb / 2P
With measuring arm and wheel
logo
TT Electronics.
DS1402 TTELEC-DS1402 Datasheet
452Kb / 1P
Paddle Flow Switches
DS1911 TTELEC-DS1911 Datasheet
298Kb / 1P
Paddle Wheel Flow Indicator
DS1010 TTELEC-DS1010 Datasheet
515Kb / 2P
Platon NS Series Pelton Wheel Flowmeter
DS3921 TTELEC-DS3921 Datasheet
327Kb / 1P
PG/PGU Flowmeter Accessories
logo
Maxim Integrated Produc...
DS26503DK MAXIM-DS26503DK Datasheet
1Mb / 30P
T1/E1/J1 BITS Element Design Kit
REV: 031507
DS26502DK MAXIM-DS26502DK Datasheet
1Mb / 30P
T1/E1/J1/64KCC Bits Element Design Kit
REV: 031507
logo
Endress+Hauser Group Se...
BA01697D EH-BA01697D Datasheet
2Mb / 64P
Electromagnetic flowmeter
2022-06-01
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com