Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8798 Datasheet (PDF) - Christian Bürkert GmbH & Co. KG

8798 Datasheet PDF - Christian Bürkert GmbH & Co. KG
Part # 8798
Download  8798 Download
File Size   2916.94 Kbytes
Page   31 Pages
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG
Description Digital electropneumatic Process Controller SideControl

8798 Datasheet (PDF)

Go To PDF Page Download Datasheet
8798 Datasheet PDF - Christian Bürkert GmbH & Co. KG

Part # 8798
Download  8798 Click to download

File Size   2916.94 Kbytes
Page   31 Pages
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG
Description Digital electropneumatic Process Controller SideControl

8798 Datasheet (HTML) - Christian Bürkert GmbH & Co. KG


8798 Product details

The device Type 8793 digital process controller is designed with standardisation
according to IEC 60534 - 6 - 1 or VDI/VDE 3845 (IEC 60534 - 6 - 2) for assembly to
linear and rotary actuators. The variant with remote position sensor can also be
used to control Bürkert process control valves. The process controller processes
all standard current and voltage signals and can also be equipped with the fieldbus
interface. The actual process value is supplied directly to the device as 4 - 20 mA,
PT100 or as a frequency signal. The process controller calculates the position
setpoint for the subordinated positioner via variance comparison. The parameterisation
of process and position controllers can be carried out automatically via the
Tune function. Operation is simple via the graphical display with keypad or via
Bürkert Communicator. The process controller is equipped with diagnostic functions
to monitor the valve. The diagnostics can be used to monitor the operating
conditions of the control valve which makes maintenance decisions predictable
and optimises the availability of the plants as required. The pneumatic actuating
system can be used equally for single-acting and double-acting actuators. It is
characterised by a defined safety response in the event of the failure of the electrical
or pneumatic auxiliary power and possesses an enormous air capacity range
with pressure supply up to 7 bar.
Type description




Similar Part No. - 8798

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
8798 GILWAY-8798 Datasheet
143Kb / 2P
T-1 Subminiature Lamps
logo
Intel Corporation
8798 INTEL-8798 Datasheet
955Kb / 18P
COMMERCIAL/EXPRESS HMOS MICROCONTROLLER
logo
Christian Bürkert GmbH ...
8798 BURKERT-8798 Datasheet
2Mb / 30P
Digital electropneumatic positioner SideControl
07.03.2024
8798 BURKERT-8798 Datasheet
2Mb / 29P
Digital electropneumatic positioner SideControl BASIC
07.03.2024
logo
Molex Electronics Ltd.
87981-3044 MOLEX10-87981-3044 Datasheet
185Kb / 4P
2.00mm (.079) Pitch Milli-Grid??Header, Straddle Mount, Right Angle, Shrouded, Lead-free, 44 Circuits, 0.38關m (15關) Gold (Au) Plating, Center Polarization Slot
More results


Similar Description - 8798

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2100 MACOM-2100 Datasheet
285Kb / 3P
Miniature Electropneumatic Timing Relay
7012ADGZ MACOM-7012ADGZ Datasheet
366Kb / 6P
Industrial Electropneumatic Timing Relay
2-1423157-0 MACOM-2-1423157-0 Datasheet
366Kb / 6P
Industrial Electropneumatic Timing Relay
2-1423157-4 MACOM-2-1423157-4 Datasheet
366Kb / 6P
Industrial Electropneumatic Timing Relay
2-1423159-3 MACOM-2-1423159-3 Datasheet
366Kb / 6P
Industrial Electropneumatic Timing Relay
2-1423159-4 MACOM-2-1423159-4 Datasheet
366Kb / 6P
Industrial Electropneumatic Timing Relay
2-1423162-4 MACOM-2-1423162-4 Datasheet
366Kb / 6P
Industrial Electropneumatic Timing Relay
2-1423164-0 MACOM-2-1423164-0 Datasheet
366Kb / 6P
Industrial Electropneumatic Timing Relay
2-1423164-7 MACOM-2-1423164-7 Datasheet
366Kb / 6P
Industrial Electropneumatic Timing Relay
logo
TT Electronics.
DS3020 TTELEC-DS3020 Datasheet
315Kb / 2P
Temperature & Process Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com