Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1404480 Datasheet (PDF) - PHOENIX CONTACT

1404480 Datasheet PDF - PHOENIX CONTACT
Part # 1404480
Download  1404480 Download
File Size   521.03 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-5P-M 8MSB/ 0,6-115/M 8FSB - Sensor/actuator cable

1404480 Datasheet (PDF)

Go To PDF Page Download Datasheet
1404480 Datasheet PDF - PHOENIX CONTACT

Part # 1404480
Download  1404480 Click to download

File Size   521.03 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-5P-M 8MSB/ 0,6-115/M 8FSB - Sensor/actuator cable

1404480 Datasheet (HTML) - PHOENIX CONTACT


1404480 Product details

Sensor/actuator cable, 5-position, PUR halogen-free, black-gray RAL 7021, Plug straight M8,
coding: B, on Socket straight M8, coding: B, cable length: 0.6 m

Your advantages
• Easy and safe: 100 % electrically tested plug-in components




Similar Part No. - 1404480

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1404481 PHOENIX-1404481 Datasheet
513Kb / 15P
SAC-5P-M 8MSB/ 1,5-115/M 8FSB - Sensor/actuator cable
1404485 PHOENIX-1404485 Datasheet
102Kb / 4P
AS-Interface distributor with IP67 protection for two flat-ribbon conductors, with 2.0 m PUR round conductor and a molded, angled, A-coded, 4-pos. M12 SPEEDCON socket
More results


Similar Description - 1404480

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1412278 PHOENIX-1412278 Datasheet
86Kb / 4P
Sensor/Actuator cable - SAC-5P- 6,0-115/M12FSB
1417699 PHOENIX-1417699 Datasheet
98Kb / 7P
Sensor/Actuator cable - SAC-3P-M 8MS/ 0,6-PUR/M 8SIFS
1439573 PHOENIX-1439573 Datasheet
108Kb / 5P
Sensor/Actuator cable - SAC-5P-M12MS/0,6-PUR/AD-2L
1453326 PHOENIX-1453326 Datasheet
92Kb / 6P
Sensor/actuator cable - SAC-3P-M 8MS/ 0,6-PUR/KMYZ9
1415581 PHOENIX-1415581 Datasheet
178Kb / 12P
Sensor/actuator cable - SAC-4P-M 8MR/0,6-PVC/M 8FR
09/11/2020
1456323 PHOENIX-1456323 Datasheet
130Kb / 10P
Sensor/actuator cable - SAC-3P-M 8MS/ 0,6-PUR/M 8FS SH
09/11/2020
1549939 PHOENIX-1549939 Datasheet
102Kb / 4P
Sensor/actuator cable - SAC-3P-M 8MS/ 0,6-PUR/4P-M 8FS
12/06/2018
1681994 PHOENIX-1681994 Datasheet
154Kb / 13P
Sensor/actuator cable - SAC-3P-M 8MS/0,6-PUR/M 8FR-2L
09/11/2020
1682236 PHOENIX-1682236 Datasheet
164Kb / 13P
Sensor/actuator cable - SAC-4P-M 8MR/0,6-PUR/M 8FS
09/11/2020
1476911 PHOENIX-1476911 Datasheet
3Mb / 9P
SAC-5P-P12MS/ 0,6-PUR/P12FS SH - Sensor/actuator cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com