Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8081 Datasheet (PDF) - Christian Bürkert GmbH & Co. KG

8081 Datasheet PDF - Christian Bürkert GmbH & Co. KG
Part # 8081
Download  8081 Download
File Size   1084.72 Kbytes
Page   8 Pages
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG
Description Flowmeter for the continuous measurement of water

8081 Datasheet (PDF)

Go To PDF Page Download Datasheet
8081 Datasheet PDF - Christian Bürkert GmbH & Co. KG

Part # 8081
Download  8081 Click to download

File Size   1084.72 Kbytes
Page   8 Pages
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG
Description Flowmeter for the continuous measurement of water

8081 Datasheet (HTML) - Christian Bürkert GmbH & Co. KG


8081 Product details

The ultrasonic flowmeter Type 8081 is designed for the flow measurement of water
which may also be slightly contaminated.
The device consists of a brass fitting with an integrated measuring tube and a
transmitter. It is available in 5 variants: QN 0.6 DN 15, QN 1.5 DN 15, QN 2.5 DN 20,
QN 3.5 DN 25, QN 6.0 DN 25 with flow rate ranges of 0.06 to 20 l/min (nominal flow
rate 0.6 m3/h i.e. 10 l/min), 0.1 to 50 l/min (nominal flow rate 1.5 m3/h i.e. 25 l/min),
from 0.16 to 82 l/min (nominal flow rate 2.5 m3/h i.e. 41 l/min), from 0.6 to 116 l/min
(nominal flow rate 3.5 m3/h i.e. 58 l/min) and from 1 to 200 l/min (nominal flow rate
6.0 m3/h i.e. 100 l/min) respectively.
Each variant has either a pulse output or a pulse output and a 4…20 mA current
output. The electrical connection is made via a 5-pin M12 male connector.
Combined with a controller and a control valve, the device can be used to set up a
control loop.
Type description




Similar Part No. - 8081

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
8081 NTE-8081 Datasheet
61Kb / 1P
Thermal Cutoff
logo
Belden Inc.
8081 BELDEN-8081 Datasheet
231Kb / 2P
Magnet Wire, #30 Sol BC, Polyester/Amide-imide Polymer Ins
05-05-2023
logo
Heyco.
8081 HEYCO-8081 Datasheet
154Kb / 1P
Multi-Connectors for Power Blocks
logo
STMicroelectronics
80810 STMICROELECTRONICS-80810 Datasheet
95Kb / 7P
40A TRIACS
14-Oct-2005
logo
Festo Corporation.
8081000 FESTO-8081000 Datasheet
87Kb / 2P
Hand lever valve
More results


Similar Description - 8081

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
55125 PHILIPS-55125 Datasheet
960Kb / 24P
WATER COOLED MAGNETRON ESPECIALLY INTENDED FOR USE AS CONTINUOUS WAVE OSCILLATOR
4.4.1961
logo
jb Capacitors Company
JSW JBCAPACITORS-JSW Datasheet
434Kb / 1P
Used for the compressor starter of a refrigerator and air-conditioner and for the water pumps
logo
Keysight Technologies
Y9071B KEYSIGHT-Y9071B Datasheet
3Mb / 29P
Measurement Applications For the E6640A EXM Wireless Test Set
logo
Murata Manufacturing Co...
SCA10H MURATA-SCA10H Datasheet
501Kb / 15P
Contactless measurement enables continuous monitoring without disturbing the patient
logo
PHOENIX CONTACT
2901560 PHOENIX-2901560 Datasheet
52Kb / 2P
Pre-assembled reference fiber for the precise measurement of optical power
logo
MKS Instruments.
PRECISIVE5-165 MKS-PRECISIVE5-165 Datasheet
372Kb / 2P
Continuous measurement instead of batch handling
logo
Neutrik AG
NZP1RU-8 NEUTRIK-NZP1RU-8 Datasheet
111Kb / 1P
The angled 19" panel for racks in demanding environments protects the installed receptacles well against the ingress of dirt and water.
logo
Mallory Sonalert Produc...
JR28-RY-4LCT1 MSPI-JR28-RY-4LCT1 Datasheet
171Kb / 1P
Mode of Operation Continuous
logo
Schneider Electric
9500A SCHNEIDER-9500A Datasheet
115Kb / 2P
Reliable flanged magnetic flow tube for water and wastewater measurement
Apr 25, 2022
logo
Endress+Hauser Group Se...
CPF201 EH-CPF201 Datasheet
1Mb / 8P
Compact electrode for pH measurement in pure and ultrapure water
06.03
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com