Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2301 Datasheet (PDF) - Christian Bürkert GmbH & Co. KG

2301 Datasheet PDF - Christian Bürkert GmbH & Co. KG
Part # 2301
Download  2301 Download
File Size   702.62 Kbytes
Page   11 Pages
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG
Description Vibrating level switch

2301 Datasheet (PDF)

Go To PDF Page Download Datasheet
2301 Datasheet PDF - Christian Bürkert GmbH & Co. KG

Part # 2301
Download  2301 Click to download

File Size   702.62 Kbytes
Page   11 Pages
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG
Description Vibrating level switch

2301 Datasheet (HTML) - Christian Bürkert GmbH & Co. KG


2301 Product details

The device Type 8110 is a filling level switch for liquids, using a tuning fork as the
sensor element.
It is designed for industrial use in all areas of process technology and can be used
in liquids. Typical applications are overflow or run-dry protection.
The small tuning fork (40 mm in length) can be used in vessels, tanks and pipes.
Due to the simple and robust measuring system, the Type 8110 is virtually unaffected
by the chemical and physical features of the liquid. It works even under
unfavourable measurement conditions such as turbulence, air bubbles, foam generation
(not suitable for measuring the foam thickness itself), adhesions, strong
external vibrations or varying filling materials.
The digital interface IO-Link allows bidirectional data transfer with any IO-Link
Master. Data access is provided by using the available standardised IODD. IO-Link
corresponds to specification version 1.0.
Type description




Similar Part No. - 2301

ManufacturerPart #DatasheetDescription
logo
GHz Technology
2301 GHZTECH-2301 Datasheet
170Kb / 3P
1.5 Watt - 20 Volts, Class C Microwave 2300 MHz
logo
Nanjing International G...
2301 DGNJDZ-2301 Datasheet
4Mb / 5P
SOT-23 Plastic-Encapsulate MOSFETS
logo
SHENZHEN FUMAN ELECTRON...
2301 FUMAN-2301 Datasheet
171Kb / 3P
10V P-Channel Enhanced MOS FET
logo
KIA Semiconductor Techn...
2301 KIA-2301 Datasheet
111Kb / 4P
-2.8A竊?20V P-CHANNEL MOSFET
logo
Heyco.
2301 HEYCO-2301 Datasheet
106Kb / 1P
Snap Bushings
More results


Similar Description - 2301

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
ENC-03R MURATA-ENC-03R Datasheet
83Kb / 4P
Piezoelectric Vibrating Gyroscopes
logo
List of Unclassifed Man...
LS-541 ETC2-LS-541 Datasheet
93Kb / 2P
Liquid level float switch
logo
Vishay Siliconix
SI3865BDV VISHAY-SI3865BDV Datasheet
89Kb / 6P
Load Switch with Level-Shift
14-Jun-04
logo
Magnetrol International...
B40-1F30-R1M MAGNETROL-B40-1F30-R1M Datasheet
293Kb / 8P
B40 Liquid Level Switch
T10-5104-020 MAGNETROL-T10-5104-020 Datasheet
180Kb / 4P
T10 Float Level Switch
V1H-D1B0-001 MAGNETROL-V1H-D1B0-001 Datasheet
169Kb / 4P
Solitel짰 Vibrating Rod Level Switch
V1H-D1B0-025 MAGNETROL-V1H-D1B0-025 Datasheet
281Kb / 12P
Solitel Vibrating Rod Level Switch
logo
Omron Electronics LLC
61F-GP-NX OMRON-61F-GP-NX Datasheet
1Mb / 15P
Floatless Level Switch
logo
Analog Technologies, In...
ALLCS500MA45-21 ANALOGTECHNOLOGIES-ALLCS500MA45-21 Datasheet
226Kb / 4P
Liquid Level Control Switch
3/18/2021
logo
Murata Manufacturing Co...
ENV-05G MURATA1-ENV-05G Datasheet
165Kb / 6P
PIEZOELECTRIC VIBRATING GYROSCOPE ENV-05D SERIES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com