Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IAR Datasheet (PDF) - Sensata Technologies, Inc.

IAR Datasheet PDF - Sensata Technologies, Inc.
Part # IAR
Download  IAR Download
File Size   795.9 Kbytes
Page   10 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description “1U, 1RU” HYDRAULIC MAGNETIC CIRCUIT PROTECTORS

IAR Datasheet (PDF)

Go To PDF Page Download Datasheet
IAR Datasheet PDF - Sensata Technologies, Inc.

Part # IAR
Download  IAR Click to download

File Size   795.9 Kbytes
Page   10 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description “1U, 1RU” HYDRAULIC MAGNETIC CIRCUIT PROTECTORS

IAR Datasheet (HTML) - Sensata Technologies, Inc.


IAR Product details

Features
• UL1077, TÜV, UL489A approved
• Designed to fit in a “1RU” application
• 5000 AIC (80VDC), 2000 AIC (250VAC) interrupt capacity
• Series or mid-trip with auxiliary switch alarm options
• Various delays including motor start
• 1 to 2 poles, multiple termination options




Similar Part No. - IAR

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
IAR-142-3G ORING-IAR-142-3G Datasheet
413Kb / 5P
IEEE 802.11 b/g/n 3G Cellular Router
IAR-142-3G_EU ORING-IAR-142-3G_EU Datasheet
413Kb / 5P
IEEE 802.11 b/g/n 3G Cellular Router
IAR-142-3G_US ORING-IAR-142-3G_US Datasheet
413Kb / 5P
IEEE 802.11 b/g/n 3G Cellular Router
IAR-142-4G ORING-IAR-142-4G Datasheet
1Mb / 4P
IEEE 802.11 b/g/n 4G LTE Cellular Router
IAR-142-4G_EU ORING-IAR-142-4G_EU Datasheet
1Mb / 4P
IEEE 802.11 b/g/n 4G LTE Cellular Router
More results


Similar Description - IAR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
W67-X2Q12-20 MACOM-W67-X2Q12-20 Datasheet
146Kb / 6P
Magnetic Hydraulic Circuit Breakers
2-1393253-5 MACOM-2-1393253-5 Datasheet
2Mb / 7P
Magnetic Hydraulic P&B Circuit Breakers
2-1393253-8 MACOM-2-1393253-8 Datasheet
2Mb / 7P
Magnetic Hydraulic P&B Circuit Breakers
W68-X2Q110-15 MACOM-W68-X2Q110-15 Datasheet
2Mb / 7P
Magnetic Hydraulic P&B Circuit Breakers
logo
List of Unclassifed Man...
LELK1-30299-176-V ETC2-LELK1-30299-176-V Datasheet
2Mb / 28P
Hydraulic Magnetic Circuit Protectors
IEG6-36902-2-V ETC2-IEG6-36902-2-V Datasheet
2Mb / 24P
Hydraulic Magnetic Circuit Protectors
IAG4-39221-1 ETC2-IAG4-39221-1 Datasheet
2Mb / 24P
Magnetic Circuit Protectors
logo
ETAL Group
8340-G ETAL-8340-G Datasheet
320Kb / 6P
Magnetic and Hydraulic-Magnetic Circuit Breaker
logo
Littelfuse
AM2-X0-14-101-X01-C LITTELFUSE-AM2-X0-14-101-X01-C Datasheet
2Mb / 27P
Hydraulic-Magnetic Circuit Breaker
logo
Sensata Technologies, I...
IAG SENSATA-IAG Datasheet
2Mb / 24P
Hydraulic Magnetic Circuit Protectors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com