Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3361 Datasheet (PDF) - Christian Bürkert GmbH & Co. KG

3361 Datasheet PDF - Christian Bürkert GmbH & Co. KG
Part # 3361
Download  3361 Download
File Size   1312.28 Kbytes
Page   11 Pages
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG
Description büS Distribution Box, IP65/ IP67/ IP69k

3361 Datasheet (PDF)

Go To PDF Page Download Datasheet
3361 Datasheet PDF - Christian Bürkert GmbH & Co. KG

Part # 3361
Download  3361 Click to download

File Size   1312.28 Kbytes
Page   11 Pages
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG
Description büS Distribution Box, IP65/ IP67/ IP69k

3361 Datasheet (HTML) - Christian Bürkert GmbH & Co. KG


3361 Product details

The büS distribution box Type ME66 is an extension module for Bürkert
products (valves, sensors, process control systems), which is based on EDIP
(Efficient Device Integration Platform) and used in processes requiring a high
degree of protection. Type ME66 consists of network ports which allow the
easy distribution of the büS/CANopen based communication lines as well as
the associated power supply for the attached devices. With the help of eight
M12 ports, CANopen based Bürkert field devices can be connected directly
to the ME66. The power supply of the field devices can be provided either by
an M12 L-Power (up to 32A) or an A-coded M12 connector (up to 4A). One
of these additional participants will typically be an Industrial Ethernet Gateway
Type ME63 or ME43, which provides the connection to industrial control
systems via all common industry standards for Industrial Ethernet. The power
supply via the M12 L-Power input can supply further field devices located
close to the process via the second M12 L-Power output. Using a switch on
the device, the power distribution can separated to provide two independent
power rails.
Type description




Similar Part No. - 3361

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3361 ALLEGRO-3361 Datasheet
193Kb / 12P
2-WIRE, CHOPPER-STABILIZED, HALL-EFFECT SWITCHES
August 28, 2000
logo
Bourns Electronic Solut...
3361 BOURNS-3361 Datasheet
176Kb / 2P
1/4 Square SMD Trimming Potentiometer
3361 BOURNS-3361 Datasheet
106Kb / 1P
Bourns짰 H-815 & H-870 Surface Mount & Through-Hole Design Kits
logo
Allegro MicroSystems
3361 ALLEGRO-3361 Datasheet
154Kb / 8P
SENSITIVE HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION
logo
List of Unclassifed Man...
3361 ETC2-3361 Datasheet
68Kb / 1P
WASHERS
More results


Similar Description - 3361

ManufacturerPart #DatasheetDescription
logo
GREATECS
PB72 GREATECS-PB72 Datasheet
391Kb / 5P
Illuminated Pushbutton Switches IP40/IP65/IP67
logo
Taoglas antenna solutio...
TL.10.1HH11W TAOGLAS-TL.10.1HH11W Datasheet
2Mb / 25P
IP67 Waterproof and IP69K
TLS.30.1F11 TAOGLAS-TLS.30.1F11 Datasheet
6Mb / 12P
IP67 and IP69K Waterproof
TLS.30.1F21 TAOGLAS-TLS.30.1F21 Datasheet
8Mb / 12P
IP67 and IP69K Waterproof
TLS.30.105111 TAOGLAS-TLS.30.105111 Datasheet
4Mb / 12P
IP67 and IP69K Waterproof
logo
Schurter Inc.
4762 SCHURTER-4762_18 Datasheet
328Kb / 3P
IEC Connector protection degree IP67 / IP69K, Rewireable, Straight
logo
PHOENIX CONTACT
1404508 PHOENIX-1404508 Datasheet
58Kb / 3P
AS-Interface H distributor with IP65/IP67/IP69k degree of protection, for distribution from one to two flat-ribbon conductors
logo
Schurter Inc.
4761_1809 SCHURTER-4761_1809 Datasheet
337Kb / 3P
IEC Appliance Inlet with protection degree IP67 / IP69K
logo
Schneider Electric
TCSEK1MDRS SCHNEIDER-TCSEK1MDRS Datasheet
63Kb / 1P
ConneXium - M12 connector - IP65/IP67
Jan 7, 2021
logo
Schurter Inc.
4762 SCHURTER-4762_21 Datasheet
338Kb / 3P
IEC Connector protection degree IP67 / IP69K, Rewireable, Straight
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com