Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8681 Datasheet (PDF) - Christian Bürkert GmbH & Co. KG

8681 Datasheet PDF - Christian Bürkert GmbH & Co. KG
Part # 8681
Download  8681 Download
File Size   1312.28 Kbytes
Page   11 Pages
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG
Description büS Distribution Box, IP65/ IP67/ IP69k

8681 Datasheet (PDF)

Go To PDF Page Download Datasheet
8681 Datasheet PDF - Christian Bürkert GmbH & Co. KG

Part # 8681
Download  8681 Click to download

File Size   1312.28 Kbytes
Page   11 Pages
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG
Description büS Distribution Box, IP65/ IP67/ IP69k

8681 Datasheet (HTML) - Christian Bürkert GmbH & Co. KG


8681 Product details

The büS distribution box Type ME66 is an extension module for Bürkert
products (valves, sensors, process control systems), which is based on EDIP
(Efficient Device Integration Platform) and used in processes requiring a high
degree of protection. Type ME66 consists of network ports which allow the
easy distribution of the büS/CANopen based communication lines as well as
the associated power supply for the attached devices. With the help of eight
M12 ports, CANopen based Bürkert field devices can be connected directly
to the ME66. The power supply of the field devices can be provided either by
an M12 L-Power (up to 32A) or an A-coded M12 connector (up to 4A). One
of these additional participants will typically be an Industrial Ethernet Gateway
Type ME63 or ME43, which provides the connection to industrial control
systems via all common industry standards for Industrial Ethernet. The power
supply via the M12 L-Power input can supply further field devices located
close to the process via the second M12 L-Power output. Using a switch on
the device, the power distribution can separated to provide two independent
power rails.
Type description




Similar Part No. - 8681

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8681 ETC2-8681 Datasheet
439Kb / 1P
LED LENS CAPS
logo
TEKTRONIX, INC.
8681 TEKTRONIX-8681 Datasheet
402Kb / 6P
7½-Digit High Performance Multimeter 8½-Digit High Performance Multimeter
logo
Christian Bürkert GmbH ...
8681 BURKERT-8681 Datasheet
1Mb / 24P
Control head for decentralized automation of hygienic process valves
11.12.2023
8681 BURKERT-8681 Datasheet
7Mb / 31P
Adapters for hygienic process valves
17.10.2023
logo
Keystone Electronics Co...
8681 KEYSTONE-8681 Datasheet
439Kb / 1P
LED LENS CAPS & HOLDERS
31-07 20th
More results


Similar Description - 8681

ManufacturerPart #DatasheetDescription
logo
GREATECS
PB72 GREATECS-PB72 Datasheet
391Kb / 5P
Illuminated Pushbutton Switches IP40/IP65/IP67
logo
Taoglas antenna solutio...
TL.10.1HH11W TAOGLAS-TL.10.1HH11W Datasheet
2Mb / 25P
IP67 Waterproof and IP69K
TLS.30.1F11 TAOGLAS-TLS.30.1F11 Datasheet
6Mb / 12P
IP67 and IP69K Waterproof
TLS.30.1F21 TAOGLAS-TLS.30.1F21 Datasheet
8Mb / 12P
IP67 and IP69K Waterproof
TLS.30.105111 TAOGLAS-TLS.30.105111 Datasheet
4Mb / 12P
IP67 and IP69K Waterproof
logo
Schurter Inc.
4762 SCHURTER-4762_18 Datasheet
328Kb / 3P
IEC Connector protection degree IP67 / IP69K, Rewireable, Straight
logo
PHOENIX CONTACT
1404508 PHOENIX-1404508 Datasheet
58Kb / 3P
AS-Interface H distributor with IP65/IP67/IP69k degree of protection, for distribution from one to two flat-ribbon conductors
logo
Schurter Inc.
4761_1809 SCHURTER-4761_1809 Datasheet
337Kb / 3P
IEC Appliance Inlet with protection degree IP67 / IP69K
logo
Schneider Electric
TCSEK1MDRS SCHNEIDER-TCSEK1MDRS Datasheet
63Kb / 1P
ConneXium - M12 connector - IP65/IP67
Jan 7, 2021
logo
Schurter Inc.
4762 SCHURTER-4762_21 Datasheet
338Kb / 3P
IEC Connector protection degree IP67 / IP69K, Rewireable, Straight
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com