Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSA Datasheet (PDF) - Sensata Technologies, Inc.

PSA Datasheet PDF - Sensata Technologies, Inc.
Part # PSA
Download  PSA Download
File Size   437.14 Kbytes
Page   3 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description 2 TO 35 AMP PRECISION THERMAL CIRCUIT BREAKER

PSA Datasheet (PDF)

Go To PDF Page Download Datasheet
PSA Datasheet PDF - Sensata Technologies, Inc.

Part # PSA
Download  PSA Click to download

File Size   437.14 Kbytes
Page   3 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description 2 TO 35 AMP PRECISION THERMAL CIRCUIT BREAKER

PSA Datasheet (HTML) - Sensata Technologies, Inc.


PSA Product details

Features
• 30VDC, 2 to 35 Amps
• Available in manual and automatic reset options
• PSM meets CID A-A-55571/06 specifications
• PSA meets CID A-A-55571/05 specifications
• UL Recognized E36869




Similar Part No. - PSA

ManufacturerPart #DatasheetDescription
logo
Thurlby Thandar Instrum...
PSA U02 AIM-TTI-PSA U02 Datasheet
2Mb / 10P
PSA Series 5 portable RF Spectrum Analyzers, 3.6GHz and 6.0GHz Bench-top performance, handheld convenience
logo
Mini-Circuits
PSA-0012 MINI-PSA-0012 Datasheet
145Kb / 1P
High Dynamic Range Monolithic IF Amplifier
PSA-0012+ MINI-PSA-0012+ Datasheet
145Kb / 1P
High Dynamic Range Monolithic IF Amplifier
PSA-0012-D MINI-PSA-0012-D Datasheet
296Kb / 6P
Monolithic Amplifier Die
PSA-0012-D+ MINI-PSA-0012-D+ Datasheet
296Kb / 6P
Monolithic Amplifier Die
More results


Similar Description - PSA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1140-F111-P1M1-10A ETC1-1140-F111-P1M1-10A Datasheet
116Kb / 4P
Thermal Overcurrent Circuit Breaker
logo
Schurter Inc.
T9-311C-4A SCHURTER-T9-311C-4A Datasheet
222Kb / 4P
Resettable Thermal Circuit Breaker
TA35-EFCTF005 SCHURTER-TA35-EFCTF005 Datasheet
3Mb / 6P
Thermal Circuit Breaker
TA35ROCKER2POLE SCHURTER-TA35ROCKER2POLE Datasheet
1,007Kb / 6P
Circuit Breaker for Equipment thermal, Rocker actuation, 2 pole
AS168XDC2 SCHURTER-AS168XDC2 Datasheet
453Kb / 6P
Circuit Breaker for Equipment thermal-magnetic, 2 poles
TA45-2R SCHURTER-TA45-2R Datasheet
601Kb / 8P
Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
TA35ROCKER2POLE SCHURTER-TA35ROCKER2POLE_18 Datasheet
992Kb / 8P
Circuit Breaker for Equipment thermal, Rocker actuation, 2 pole
logo
Schneider Electric
HGL36070AB SCHNEIDER-HGL36070AB Datasheet
140Kb / 2P
Circuit breaker, PowerPact H, thermal magnetic, Circuit breaker, PowerPact H, thermal magnetic,
Jul 27, 2020
logo
PHOENIX CONTACT
102774 PHOENIX-102774 Datasheet
197Kb / 3P
Thermal Circuit Breaker
11/2006
100212 PHOENIX-100212 Datasheet
175Kb / 3P
Thermal Circuit Breaker
11/2006
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com