Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JH162A Datasheet (PDF) - List of Unclassifed Manufacturers

JH162A Datasheet PDF - List of Unclassifed Manufacturers
Part # JH162A
Download  JH162A Download
File Size   553.06 Kbytes
Page   25 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description SPECIFICATIONS FOR LCD MODULE

JH162A Datasheet (PDF)

Go To PDF Page Download Datasheet
JH162A Datasheet PDF - List of Unclassifed Manufacturers

Part # JH162A
Download  JH162A Click to download

File Size   553.06 Kbytes
Page   25 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description SPECIFICATIONS FOR LCD MODULE

JH162A Datasheet (HTML) - List of Unclassifed Manufacturers


JH162A Product details

[JEWEL HILL ELECTRONIC CO.,LTD.]

General Specifications:
    Display fonts: 16 X 2
    Display type: STN
    Display color: YELLOW-GREEN
    Polarizer mode: TRANSFLECTIVE
    View angle: 6 O’CLOCK
    Driving method: 1/16 DUTY , 1/5 BIAS
    Backlight: LED
    Data transfer: 8 / 4 BIT PARALLEL
    Operating temperature: -10 -- 60℃
    Storage temperature: -20 -- 70 ℃
    Dot matrix: 16 CHARACTER X 2 LINES
    Dot size: 0.55 X 0.5 mm
    Dot pitch: 0.6 X 0.55 mm
    Assy. Type: COB




Similar Part No. - JH162A

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
JH177128160A JHE-JH177128160A Datasheet
1Mb / 26P
SPECIFICATIONS FOR LCD MODULE
JH177128160ACNDMNFFCWC JHE-JH177128160ACNDMNFFCWC Datasheet
1Mb / 26P
SPECIFICATIONS FOR LCD MODULE
JH177128160ACNDMNFFCWN JHE-JH177128160ACNDMNFFCWN Datasheet
1Mb / 26P
SPECIFICATIONS FOR LCD MODULE
JH177128160ACNDMNFFEWC JHE-JH177128160ACNDMNFFEWC Datasheet
1Mb / 26P
SPECIFICATIONS FOR LCD MODULE
JH177128160ACNDMNFFEWN JHE-JH177128160ACNDMNFFEWN Datasheet
1Mb / 26P
SPECIFICATIONS FOR LCD MODULE
More results


Similar Description - JH162A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AG-16080A ETC2-AG-16080A Datasheet
181Kb / 15P
SPECIFICATIONS FOR LCD MODULE
logo
Jewel Hill Electronic
GB162B JHE-GB162B Datasheet
268Kb / 23P
SPECIFICATIONS FOR LCD MODULE
GB162C JHE-GB162C Datasheet
267Kb / 23P
SPECIFICATIONS FOR LCD MODULE
GB162D JHE-GB162D Datasheet
305Kb / 23P
SPECIFICATIONS FOR LCD MODULE
GB164A JHE-GB164A Datasheet
258Kb / 23P
SPECIFICATIONS FOR LCD MODULE
GB202A JHE-GB202A Datasheet
274Kb / 23P
SPECIFICATIONS FOR LCD MODULE
GB12864D JHE-GB12864D Datasheet
247Kb / 23P
SPECIFICATIONS FOR LCD MODULE
GB12864H JHE-GB12864H Datasheet
251Kb / 23P
SPECIFICATIONS FOR LCD MODULE
GB19264F JHE-GB19264F Datasheet
325Kb / 26P
SPECIFICATIONS FOR LCD MODULE
GB24064A JHE-GB24064A Datasheet
319Kb / 26P
SPECIFICATIONS FOR LCD MODULE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com