Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7225 Datasheet (PDF) - OSRAM GmbH

AS7225 Datasheet PDF - OSRAM GmbH
Part # AS7225
Download  AS7225 Download
File Size   2480.66 Kbytes
Page   76 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Calibrated XYZ Chromatic Smart Lighting Director

AS7225 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS7225 Datasheet PDF - OSRAM GmbH

Part # AS7225
Download  AS7225 Click to download

File Size   2480.66 Kbytes
Page   76 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Calibrated XYZ Chromatic Smart Lighting Director

AS7225 Datasheet (HTML) - OSRAM GmbH


AS7225 Product details

Features
Integrated intelligence with XYZ tri-stimulus color
sensing for direct translation to CIE 1931
standard observer color map
Automatically directs external warm and cool
white PWM controlled LED strings for chromatic
LED luminaire tuning. Also directs dimming
(combined with PWM color tuning)
Supports autonomous color point and lumen
output adjustment resulting in automatic spectral
and lumen maintenance
I²C slave digital or UART Interface
I²C master digital or UART interface
Simple register-based or AT commands to control
and configure key light-tuning supervisory and IoT
sensor expansion functions
Readable registers or AT commands for CIE 1931
and 1975 color-point coordinates, CCT, duv and
lux
Chromatic white color realized by silicon
interference filters
20-pin LGA package 4.5 mm x 4.7 mm x 2.5 mm,
with integrated aperture, -40 °C to 85 °C




Similar Part No. - AS7225

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
AS7225 AMSOSRAM-AS7225 Datasheet
2Mb / 76P
Calibrated XYZ Chromatic Smart Lighting Director
2019-Jun-28
More results


Similar Description - AS7225

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7266S ROHM-BA7266S Datasheet
148Kb / 4P
AFC Chromatic Signal Processing
logo
MRV Communications, Inc...
EM316DCM060 MRV-EM316DCM060 Datasheet
300Kb / 2P
Chromatic Dispersion Compensation Modules
logo
3M Electronics
9713 3M-9713 Datasheet
84Kb / 5P
3M™ XYZ-Axis Electrically Conductive Tape 9713
Apr-2009
logo
NXP Semiconductors
R_10018 PHILIPS-R_10018 Datasheet
180Kb / 10P
Smart lighting A bright idea whose time has come
Rev. 1-20 December 2011
logo
ams AG
AS7221 AMSCO-AS7221 Datasheet
893Kb / 36P
Calibrated XYZ tri-stimulus color sensing for direct translation to CIE 1931/1976 standard observer color MAPS
logo
Analog Devices
ADIS16490 AD-ADIS16490 Datasheet
1Mb / 38P
Factory calibrated sensitivity
Rev. 0
logo
Taoglas antenna solutio...
FXR.06.52.0075X.A.DG TAOGLAS-FXR.06.52.0075X.A.DG Datasheet
2Mb / 10P
Layered with Ferrite Flux Director
logo
ams AG
AS7264N AMSCO-AS7264N Datasheet
793Kb / 41P
XYZ Chromatic Color and 440/490nm Blue Sensor with Electronic Shutter
logo
SparkFun Electronics
DEV-13912 SPARKFUN-DEV-13912 Datasheet
158Kb / 2P
Spectacle Director Board
6??2??7
logo
Murata Manufacturing Co...
SCHA600 MURATA1-SCHA600 Datasheet
183Kb / 1P
6-DOF XYZ-Axis Gyroscope and XYZ-Axis Accelerometer with Digital SPI Interface
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com