Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7264N Datasheet (PDF) - OSRAM GmbH

AS7264N Datasheet PDF - OSRAM GmbH
Part # AS7264N
Download  AS7264N Download
File Size   1166.28 Kbytes
Page   42 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description XYZ Chromatic Color and 440/490nm Blue Sensor with Electronic Shutter

AS7264N Datasheet (PDF)

Go To PDF Page Download Datasheet
AS7264N Datasheet PDF - OSRAM GmbH

Part # AS7264N
Download  AS7264N Click to download

File Size   1166.28 Kbytes
Page   42 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description XYZ Chromatic Color and 440/490nm Blue Sensor with Electronic Shutter

AS7264N Datasheet (HTML) - OSRAM GmbH


AS7264N Product details

Features
• XYZ tri-stimulus standard observer filter set
• Two added blue channels at 440nm and 490nm
• Ambient light sensing (photopic response)
• I²C slave digital Interface with optional interrupt
operation
• Filter set realized by silicon interference filters
• 16-bit ADC with digital access
• I²C slave digital Interface with optional interrupt
operation
• Programmable LED drivers
• 2.7V to 3.6V with I²C interface
• 20-pin LGA package 4.5mm x 4.7mm x 2.5mm
-40°C to 85°C temperature range




Similar Part No. - AS7264N

ManufacturerPart #DatasheetDescription
logo
ams AG
AS7264N AMSCO-AS7264N Datasheet
793Kb / 41P
XYZ Chromatic Color and 440/490nm Blue Sensor with Electronic Shutter
logo
ams-OSRAM AG
AS7264N AMSOSRAM-AS7264N Datasheet
1Mb / 42P
XYZ Chromatic Color and 440/490nm XYZ Chromatic Color and 440/490nm
2017-Oct-05
AS7264N-BLGT AMSOSRAM-AS7264N-BLGT Datasheet
1Mb / 42P
XYZ Chromatic Color and 440/490nm XYZ Chromatic Color and 440/490nm
2017-Oct-05
More results


Similar Description - AS7264N

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S11155-2048 HAMAMATSU-S11155-2048 Datasheet
427Kb / 8P
Back-thinned CCD image sensors with electronic shutter function
logo
ams AG
TMD4903 AMSCO-TMD4903 Datasheet
1Mb / 86P
Color and Proximity Sensor Module with mobeam
logo
Renesas Technology Corp
ISL29125 RENESAS-ISL29125 Datasheet
786Kb / 17P
Digital Red, Green and Blue Color Light Sensor with IR Blocking Filter
logo
ams AG
AS7261N AMSCO-AS7261N Datasheet
1Mb / 42P
XYZ Tri-Stimulus and NIR Sensor with Electronic Shutter
AS7264N AMSCO-AS7264N Datasheet
793Kb / 41P
XYZ Chromatic Color and 440/490nm Blue Sensor with Electronic Shutter
AS72651 AMSCO-AS72651 Datasheet
956Kb / 66P
Sensor with Electronic Shutter and 18-Channel AS7265x Master Capability
AS7265X AMSCO-AS7265X Datasheet
1Mb / 63P
Smart 18-Channel VIS to NIR Spectral_ID 3-Sensor Chipset with Electronic Shutter
TCS3430 AMSCO-TCS3430_V01 Datasheet
530Kb / 37P
Color and ALS Sensor
2020-Jul-28
logo
Murata Manufacturing Co...
SCHA600 MURATA1-SCHA600 Datasheet
183Kb / 1P
6-DOF XYZ-Axis Gyroscope and XYZ-Axis Accelerometer with Digital SPI Interface
logo
Texas Instruments
OPT4048 TI-OPT4048 Datasheet
1Mb / 45P
OPT4048 High Speed High Precision Tristimulus XYZ Color Sensor
DECEMBER 2022
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com