Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3430 Datasheet (PDF) - OSRAM GmbH

TCS3430 Datasheet PDF - OSRAM GmbH
Part # TCS3430
Download  TCS3430 Download
File Size   970.94 Kbytes
Page   38 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Color and ALS Sensor

TCS3430 Datasheet (PDF)

Go To PDF Page Download Datasheet
TCS3430 Datasheet PDF - OSRAM GmbH

Part # TCS3430
Download  TCS3430 Click to download

File Size   970.94 Kbytes
Page   38 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Color and ALS Sensor

TCS3430 Datasheet (HTML) - OSRAM GmbH


TCS3430 Product details

Features
• Capable of ±10% illuminance and correlated color
temperature accuracy.
• Small footprint and low profile package:
2.41mm x 1.75mm x 1.00mm
• Advanced interference filter technology.
• Wide dynamic range and high sensitivity.
• XYZ tristimulus filters.
• Programmable gain and integration time.
• 1.8V supply voltage and I²C bus.




Similar Part No. - TCS3430

ManufacturerPart #DatasheetDescription
logo
ams AG
TCS3430 AMSCO-TCS3430 Datasheet
724Kb / 38P
The device features advanced digital Ambient Light Sensing
TCS3430 AMSCO-TCS3430 Datasheet
530Kb / 37P
Color and ALS Sensor
2020-Jul-28
TCS3430 AMSCO-TCS3430_V01 Datasheet
530Kb / 37P
Color and ALS Sensor
2020-Jul-28
More results


Similar Description - TCS3430

ManufacturerPart #DatasheetDescription
logo
ams AG
TMG3992 AMSCO-TMG3992 Datasheet
3Mb / 95P
Gesture, Color, ALS, and Proximity Sensor Module with mobeam Barcode Emulation
TMG3993 AMSCO-TMG3993 Datasheet
2Mb / 95P
Gesture, Color, ALS, and Proximity Sensor Module with mobeam Barcode Emulation
TMD3725 AMSCO-TMD3725 Datasheet
1Mb / 55P
ALS, Color and Proximity Sensor Module
TCS3430 AMSCO-TCS3430_V01 Datasheet
530Kb / 37P
Color and ALS Sensor
2020-Jul-28
TCS3701 AMSCO-TCS3701 Datasheet
94Kb / 4P
ALS/Color and Proximity Sensor for Use Behind OLED Displays
2018-Dec-19
TCS3707 AMSCO-TCS3707 Datasheet
94Kb / 4P
ALS/Color Sensor with Flicker Detection
2018-Dec-19
TMD3702VC AMSCO-TMD3702VC Datasheet
1Mb / 57P
Narrow ALS, Color and Proximity Sensor Module
v2-00 2023-Mar-14
TMD3721 AMSCO-TMD3721 Datasheet
2Mb / 89P
ALS/Color and Proximity Sensor Module for Behind OLED Applications
v3-00 2023-May-26
TMD3719 AMSCO-TMD3719 Datasheet
1Mb / 95P
ALS/Color and Proximity Sensor
v2-00 2023-Jan-12
TCS3408 AMSCO-TCS3408 Datasheet
1Mb / 52P
ALS/Color Sensor with Selective Flicker Detection
v2-00 2023-Feb-01
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com