Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3004 Datasheet (PDF) - Christian Bürkert GmbH & Co. KG

3004 Datasheet PDF - Christian Bürkert GmbH & Co. KG
Part # 3004
Download  3004 Download
File Size   1012.46 Kbytes
Page   12 Pages
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG
Description 2/2 way Flanged Ball Valve in stainless steel, 2 pieces, DN 15…DN 200

3004 Datasheet (PDF)

Go To PDF Page Download Datasheet
3004 Datasheet PDF - Christian Bürkert GmbH & Co. KG

Part # 3004
Download  3004 Click to download

File Size   1012.46 Kbytes
Page   12 Pages
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG
Description 2/2 way Flanged Ball Valve in stainless steel, 2 pieces, DN 15…DN 200

3004 Datasheet (HTML) - Christian Bürkert GmbH & Co. KG


3004 Product details

2/2 way Flanged Ball Valves in stainless steel used for separating medium
flow. The ball valves are equipped with a manual lever. However, they can be
connected via the mechanical interface (acc. to ISO 5211) with pneumatic (for
example, Type 2051, Type 2052, Type 2053) and electrical rotary actuators
(for example, Type 3003, Type 3004, Type 3005), too. The final position of
pneumatically actuated ball valves can be checked via the position feedback
box Type 1061. Next to this, the valves are available with different standardized
face-to-face dimensions (EN 558 - 1 series 1; EN 558 - 1 series 27).
Type description




Similar Part No. - 3004

ManufacturerPart #DatasheetDescription
logo
Heyco.
3004 HEYCO-3004 Datasheet
135Kb / 1P
Large Dome Plugs
logo
Christian Bürkert GmbH ...
3004 BURKERT-3004 Datasheet
1Mb / 12P
Explosion Proof Rotary Actuator - On/Off and control
22.02.2023
3004 BURKERT-3004 Datasheet
662Kb / 11P
Ball valve for hygienic applications
18.01.2024
3004 BURKERT-3004 Datasheet
1Mb / 9P
Ball Valve, manually-operated
09.03.2022
3004 BURKERT-3004 Datasheet
909Kb / 13P
Butterfly valve
01.06.2021
More results


Similar Description - 3004

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130149-0005 MOLEX11-130149-0005 Datasheet
42Kb / 1P
Safeway Flanged Inlet, 2 Pole/2 Wire, NEMA 1-15, 125V
1301490005 MOLEX11-1301490005 Datasheet
35Kb / 1P
Safeway Flanged Inlet, 2 Pole/2 Wire, NEMA 1-15, 125V
logo
BELIMO AIRCONTROLS (USA...
CMB24-L-100D BELIMO-CMB24-L-100D Datasheet
557Kb / 5P
Pipe diameter 4??[DN 100] Torque motor 18 in-lb [2 Nm]
B207 BELIMO-B207 Datasheet
434Kb / 3P
Stainless Steel Ball and Stem
EV400SU-317 BELIMO-EV400SU-317 Datasheet
1Mb / 4P
Stainless Steel Ball, ANSI 125 Flange
EV500SU-495 BELIMO-EV500SU-495 Datasheet
1Mb / 4P
Stainless Steel Ball, ANSI 125 Flange
EV600SU-713 BELIMO-EV600SU-713 Datasheet
1Mb / 4P
Stainless Steel Ball, ANSI 125 Flange
logo
SparkFun Electronics
ROB-13012 SPARKFUN-ROB-13012 Datasheet
91Kb / 1P
Ball Bearing - Flanged (1/4 Bore, 1/2 OD, 2-Pack)
2/12/2016
logo
Belden Inc.
TU-SDK-036-RN2 BELDEN-TU-SDK-036-RN2 Datasheet
198Kb / 2P
Tray, InOutdoor, DN, OS2, 36f, Unitized, Sgl Jkt, Blk, CPE, OFNR, Oil Res 1/2
2022 Belden, Inc
logo
BELIMO AIRCONTROLS (USA...
B224 BELIMO-B224 Datasheet
546Kb / 2P
2-way, Characterized Control Valve, Stainless Steel Ball and Stem
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com