Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AJ3 Datasheet (PDF) - Sensata Technologies, Inc.

AJ3 Datasheet PDF - Sensata Technologies, Inc.
Part # AJ3
Download  AJ3 Download
File Size   330.96 Kbytes
Page   4 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description JOYSTICK

AJ3 Datasheet (PDF)

Go To PDF Page Download Datasheet
AJ3 Datasheet PDF - Sensata Technologies, Inc.

Part # AJ3
Download  AJ3 Click to download

File Size   330.96 Kbytes
Page   4 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description JOYSTICK

AJ3 Datasheet (HTML) - Sensata Technologies, Inc.


AJ3 Product details

Main Features
• Contactless sensing – Hall effect
• Life greater than 5 million cycles
• 2 sensors per axis
• Integrated temperature compensation
• Standard or customized multifunction grips




Similar Part No. - AJ3

ManufacturerPart #DatasheetDescription
logo
ITT Industries
AJ3 ITT-AJ3 Datasheet
123Kb / 6P
AJ3 Joystick for Heavy Duty Applications
logo
Knowles Electronics
AJ30 KNOWLES-AJ30 Datasheet
3Mb / 60P
Introduction to Knowles Precision Devices
logo
List of Unclassifed Man...
AJ32C1 ETC2-AJ32C1 Datasheet
46Kb / 1P
HC-49/U Microprocessor Crystal
logo
Caliber Electronics Inc...
AJ32C1 CALIBER-AJ32C1 Datasheet
51Kb / 1P
HC-49/U Microprocessor Crystal
logo
List of Unclassifed Man...
AJ32C3 ETC2-AJ32C3 Datasheet
46Kb / 1P
HC-49/U Microprocessor Crystal
More results


Similar Description - AJ3

ManufacturerPart #DatasheetDescription
logo
GREATECS
JPN10K GREATECS-JPN10K Datasheet
369Kb / 3P
Joystick Potentiometer
logo
Grayhill, Inc
60A18-4-040S GRAYHILL-60A18-4-040S Datasheet
101Kb / 2P
SERIES 60A Joystick
67A-DF-3C-030C GRAYHILL-67A-DF-3C-030C Datasheet
470Kb / 2P
Hall Effect Joystick
67B1 GRAYHILL-67B1 Datasheet
1Mb / 4P
Hall Effect Joystick
logo
Copal Electronics
CJ25 COPAL-CJ25 Datasheet
98Kb / 3P
JOYSTICK ENCODER
CJ25-WH COPAL-CJ25-WH Datasheet
115Kb / 3P
JOYSTICK ENCODER
logo
List of Unclassifed Man...
27800 ETC-27800 Datasheet
83Kb / 3P
2-Axis Joystick (#27800)
1/16/2012
logo
Schneider Electric
9001K37 SCHNEIDER-9001K37 Datasheet
102Kb / 1P
30MM JOYSTICK 5 POSITION
Jan 4, 2022
logo
SparkFun Electronics
COM-09032 SPARKFUN-COM-09032 Datasheet
111Kb / 1P
Thumb Joystick
3/22/2017
COM-09426 SPARKFUN-COM-09426 Datasheet
134Kb / 2P
Thumb Slide Joystick
8????7
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com