Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD26353 Datasheet (PDF) - OSRAM GmbH

TMD26353 Datasheet PDF - OSRAM GmbH
Part # TMD26353
Download  TMD26353 Download
File Size   1450.15 Kbytes
Page   48 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Miniature Proximity Sensor Module

TMD26353 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMD26353 Datasheet PDF - OSRAM GmbH

Part # TMD26353
Download  TMD26353 Click to download

File Size   1450.15 Kbytes
Page   48 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Miniature Proximity Sensor Module

TMD26353 Datasheet (HTML) - OSRAM GmbH


TMD26353 Product details

Features
• Tiny 1.0mm x 2.0mm x 0.5mm module
• 1.8V power supply with 1.8V I²C bus
• Sleep mode (0.7μA) with fast wakeup
• VCSEL IR emitter
• Integrated factory calibrated 940nm IR VCSEL
• Crosstalk and ambient light cancellation
• Wide configuration range
• Dual photodiode architecture
• Offset emitter/detector package design




Similar Part No. - TMD26353

ManufacturerPart #DatasheetDescription
logo
ams AG
TMD2635 AMSCO-TMD2635 Datasheet
709Kb / 47P
Miniature Proximity Sensor Module
2020-Aug-25
More results


Similar Description - TMD26353

ManufacturerPart #DatasheetDescription
logo
HAMLIN Position and Mov...
HAMLIN55100 HAMLIN-HAMLIN55100 Datasheet
239Kb / 1P
55100 Miniature Flange Mount Hall Effect Proximity Sensor
logo
Littelfuse
55100 LITTELFUSE-55100 Datasheet
545Kb / 3P
Miniature Flange Mounting Proximity Sensor
logo
ams AG
TMD4903 AMSCO-TMD4903 Datasheet
1Mb / 86P
Color and Proximity Sensor Module with mobeam
logo
SICK AG
WTB250-2N1251 SICK-WTB250-2N1251 Datasheet
556Kb / 7P
Photoelectric proximity sensor, Photoelectric proximity sensor,
3/15/2016
WTB250-2N1151 SICK-WTB250-2N1151 Datasheet
556Kb / 7P
Photoelectric proximity sensor, Photoelectric proximity sensor,
3/15/2016
WTB250-2N1131 SICK-WTB250-2N1131 Datasheet
551Kb / 7P
Photoelectric proximity sensor, Photoelectric proximity sensor,
3/15/2016
logo
ams AG
TMD3725 AMSCO-TMD3725 Datasheet
1Mb / 55P
ALS, Color and Proximity Sensor Module
logo
celduc-relais
PAB10020 CELDUC-PAB10020 Datasheet
294Kb / 2P
MINIATURE STANDARD PROXIMITY SENSOR
logo
Omron Electronics LLC
E2S OMRON-E2S Datasheet
545Kb / 8P
Miniature Square Inductive Proximity Sensor
logo
ams AG
TMD2635 AMSCO-TMD2635 Datasheet
709Kb / 47P
Miniature Proximity Sensor Module
2020-Aug-25
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com