Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1600611 Datasheet (PDF) - Turck, Inc.

1600611 Datasheet PDF - Turck, Inc.
Part # 1600611
Download  1600611 Download
File Size   1043.33 Kbytes
Page   3 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Magnetic Field Sensor For Detection of Ferromagnetic Parts

1600611 Datasheet (PDF)

Go To PDF Page Download Datasheet
1600611 Datasheet PDF - Turck, Inc.

Part # 1600611
Download  1600611 Click to download

File Size   1043.33 Kbytes
Page   3 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Magnetic Field Sensor For Detection of Ferromagnetic Parts

1600611 Datasheet (HTML) - Turck, Inc.


1600611 Product details

Features
■Threaded barrel, M12/M8
■Chrome-plated brass
■DC 3- wire, 10…30 VDC
■Programmable (NC/NO) with teach adapter
VB2‐SP1
■M12 x 1 connector
Functional principle
The weld sensors are available in different
versions, with different signal intensities
and diameters. Ferromagnetic parts which
differ strongly in their material properties and
diameters can thus be detected. A target part
has to be located within the so called sensitive
area in order to be detected. The internal
sensor signal reaches the maximum intensity if
the sensitive area is completely covered by the
target. Partial coverage is also possible.
Sensitive area S = 11mm
Within this area the sensor signal changes
when components are connected.
Maximum range M = 14mm
In case of complete coverage of the sensitive
area the maximum signal intensity is achieved.




Similar Part No. - 1600611

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
1600610 TURCK-1600610 Datasheet
1Mb / 3P
Magnetic Field Sensor For Detection of Ferromagnetic Parts
11/07/2023
1600612 TURCK-1600612 Datasheet
1,020Kb / 3P
Magnetic Field Sensor – With TIN Coating For Detection of Ferromagnetic Parts
11/07/2023
1600613 TURCK-1600613 Datasheet
1Mb / 3P
Magnetic Field Sensor For Detection of Ferromagnetic Parts
11/07/2023
1600615 TURCK-1600615 Datasheet
1Mb / 3P
Magnetic Field Sensor For Detection of Ferromagnetic Parts
11/07/2023
1600616 TURCK-1600616 Datasheet
1Mb / 3P
Magnetic Field Sensor – For Detection of M6 Weld Nuts For Detection of Ferromagnetic Parts
11/07/2023
More results


Similar Description - 1600611

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
KMZ50 PHILIPS-KMZ50 Datasheet
59Kb / 8P
Magnetic field sensor
1998 Mar 24
KMZ51 PHILIPS-KMZ51 Datasheet
61Kb / 8P
Magnetic field sensor
1998 Mar 24
KMZ52 PHILIPS-KMZ52 Datasheet
65Kb / 12P
Magnetic Field Sensor
2000 Jun 09
KMZ43T PHILIPS-KMZ43T Datasheet
60Kb / 9P
Magnetic field sensor
2003 Sep 15
KMZ41 NXP-KMZ41 Datasheet
78Kb / 10P
Magnetic field sensor
Rev. 05-27 November 2006
KMZ43T NXP-KMZ43T Datasheet
68Kb / 8P
Magnetic field sensor
Rev. 05-4 March 2009
logo
Pepperl+Fuchs Inc.
40FY28-33 PF-40FY28-33 Datasheet
231Kb / 2P
Magnetic field sensor
50FY41-V4A-12-KIT PF-50FY41-V4A-12-KIT Datasheet
402Kb / 2P
Magnetic field sensor
2022-07-13
50FY41-V4A-6 PF-50FY41-V4A-6 Datasheet
427Kb / 2P
Magnetic field sensor
2022-06-30
MB35-F12-1N PF-MB35-F12-1N Datasheet
436Kb / 3P
Magnetic field sensor
2022-03-07
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com