Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD2672 Datasheet (PDF) - OSRAM GmbH

TMD2672 Datasheet PDF - OSRAM GmbH
Part # TMD2672
Download  TMD2672 Download
File Size   980.7 Kbytes
Page   44 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Digital Proximity Detector

TMD2672 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMD2672 Datasheet PDF - OSRAM GmbH

Part # TMD2672
Download  TMD2672 Click to download

File Size   980.7 Kbytes
Page   44 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Digital Proximity Detector

TMD2672 Datasheet (HTML) - OSRAM GmbH


TMD2672 Product details

Features
• Digital Proximity Detector, LED Driver, and IR LED in a
Single Optical Module
• Register Set- and Pin-Compatible with the TMD2671
Series
• Proximity Detection
- Reduced Proximity Count Variation (1)
- Programmable Offset Control Register (1)
- Saturation Indicator (1)
- Programmable Integration Time and Offset
- Current Sink Driver for IR LED
- 16,000:1 Dynamic Range
• Maskable Proximity Interrupt
- Programmable Upper and Lower Thresholds with
Persistence Filter
• Power Management
- Low Power 2.2μA Sleep State with User-Selectable
Sleep-After-Interrupt Mode (1)
- 90μA Wait State with Programmable Wait Time from
2.7ms to > 8 seconds
• I²C Fast Mode Compatible Interface
- Data Rates up to 400kbit/s
- Input Voltage Levels Compatible with VDD or 1.8V
• 3.94mm × 2.36mm × 1.35mm Package




Similar Part No. - TMD2672

ManufacturerPart #DatasheetDescription
logo
ams AG
TMD2672 AMSCO-TMD2672 Datasheet
1Mb / 29P
DIGITAL PROXIMITY DETECTOR
logo
List of Unclassifed Man...
TMD2672 ETC2-TMD2672 Datasheet
1Mb / 29P
The technical content of this TAOS datasheet is still valid
logo
ams AG
TMD2672 AMSCO-TMD2672 Datasheet
527Kb / 43P
Digital Proximity Detector
2015-Mar-23
logo
List of Unclassifed Man...
TMD26721 ETC2-TMD26721 Datasheet
1Mb / 29P
The technical content of this TAOS datasheet is still valid
logo
ams AG
TMD26721 AMSCO-TMD26721 Datasheet
1Mb / 29P
DIGITAL PROXIMITY DETECTOR
More results


Similar Description - TMD2672

ManufacturerPart #DatasheetDescription
logo
ams AG
TMD2671 AMSCO-TMD2671 Datasheet
1Mb / 29P
DIGITAL PROXIMITY DETECTOR
TMD2672 AMSCO-TMD2672 Datasheet
1Mb / 29P
DIGITAL PROXIMITY DETECTOR
TSL2671 AMSCO-TSL2671 Datasheet
725Kb / 27P
DIGITAL PROXIMITY DETECTOR
TMD26721 AMSCO-TMD26721 Datasheet
1Mb / 29P
DIGITAL PROXIMITY DETECTOR
TMD26723 AMSCO-TMD26723 Datasheet
1Mb / 29P
DIGITAL PROXIMITY DETECTOR
logo
TEXAS ADVANCED OPTOELEC...
TMD26711 TAOS-TMD26711 Datasheet
1Mb / 29P
DIGITAL PROXIMITY DETECTOR
TMD26713 TAOS-TMD26713 Datasheet
1Mb / 29P
DIGITAL PROXIMITY DETECTOR
TMD26723 TAOS-TMD26723 Datasheet
1Mb / 29P
DIGITAL PROXIMITY DETECTOR
logo
ams AG
TSL26721 AMSCO-TSL26721 Datasheet
750Kb / 46P
Digital Proximity Detector
TMD2672 AMSCO-TMD2672_V01 Datasheet
527Kb / 43P
Digital Proximity Detector
2015-Mar-23
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com