Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD27123M Datasheet (PDF) - OSRAM GmbH

TMD27123M Datasheet PDF - OSRAM GmbH
Part # TMD27123M
Download  TMD27123M Download
File Size   1769.11 Kbytes
Page   54 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description ALS Proximity Sensor Module

TMD27123M Datasheet (PDF)

Go To PDF Page Download Datasheet
TMD27123M Datasheet PDF - OSRAM GmbH

Part # TMD27123M
Download  TMD27123M Click to download

File Size   1769.11 Kbytes
Page   54 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description ALS Proximity Sensor Module

TMD27123M Datasheet (HTML) - OSRAM GmbH


TMD27123M Product details

Features
• Tiny 1mm x 2mm x 0.5mm module
• 1.8V power supply with 1.8V I²C bus
• Sleep mode (0.7μA)
• VCSEL IR emitter
• Integrated factory calibrated 940nm IR VCSEL
• Crosstalk and ambient light cancellation
• Wide configuration range
• High sensitivity
• 2 channels (photopic ALS + IR)
• Programmable gain and integration time
• Offset emitter/detector package design




Similar Part No. - TMD27123M

ManufacturerPart #DatasheetDescription
logo
ams AG
TMD2725 AMSCO-TMD2725 Datasheet
1Mb / 50P
The device features advanced proximity measurement
TMD2725 AMSCO-TMD2725 Datasheet
1Mb / 50P
ALS, and Small Aperture Proximity Sensor Module
2018-Feb-23
logo
OSRAM GmbH
TMD2725 OSRAM-TMD2725 Datasheet
1Mb / 51P
ALS, and Small Aperture Proximity Sensor Module
v2-00 2023-Feb-22
logo
ams AG
TMD27253 AMSCO-TMD27253 Datasheet
1Mb / 50P
The device features advanced proximity measurement
logo
OSRAM GmbH
TMD27253 OSRAM-TMD27253 Datasheet
1Mb / 51P
ALS, and Small Aperture Proximity Sensor Module
v2-00 2023-Feb-22
More results


Similar Description - TMD27123M

ManufacturerPart #DatasheetDescription
logo
ams AG
TMD2771 AMSCO-TMD2771 Datasheet
1Mb / 33P
DIGITAL ALS and PROXIMITY MODULE
TMD2772 AMSCO-TMD2772 Datasheet
1Mb / 35P
DIGITAL ALS and PROXIMITY MODULE
logo
TEXAS ADVANCED OPTOELEC...
TMD27711 TAOS-TMD27711 Datasheet
1Mb / 33P
DIGITAL ALS and PROXIMITY MODULE
TMD27721 TAOS-TMD27721 Datasheet
1Mb / 35P
DIGITAL ALS and PROXIMITY MODULE
TMD27723 TAOS-TMD27723 Datasheet
1Mb / 35P
DIGITAL ALS and PROXIMITY MODULE
logo
ams AG
TMD27722 AMSCO-TMD27722 Datasheet
1Mb / 35P
DIGITAL ALS and PROXIMITY MODULE
TMD3725 AMSCO-TMD3725 Datasheet
1Mb / 55P
ALS, Color and Proximity Sensor Module
TMD2725 AMSCO-TMD2725_V01 Datasheet
1Mb / 50P
ALS, and Small Aperture Proximity Sensor Module
2018-Feb-23
TMD3702VC AMSCO-TMD3702VC Datasheet
1Mb / 57P
Narrow ALS, Color and Proximity Sensor Module
v2-00 2023-Mar-14
TMD3719 AMSCO-TMD3719 Datasheet
1Mb / 95P
ALS/Color and Proximity Sensor
v2-00 2023-Jan-12
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com