Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF0ICU2 Datasheet (PDF) - NXP Semiconductors

MF0ICU2 Datasheet PDF - NXP Semiconductors
Part # MF0ICU2
Download  MF0ICU2 Download
File Size   453.3 Kbytes
Page   37 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description MIFARE Ultralight C - Contactless ticket IC

MF0ICU2 Datasheet (PDF)

Go To PDF Page Download Datasheet
MF0ICU2 Datasheet PDF - NXP Semiconductors

Part # MF0ICU2
Download  MF0ICU2 Click to download

File Size   453.3 Kbytes
Page   37 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description MIFARE Ultralight C - Contactless ticket IC

MF0ICU2 Datasheet (HTML) - NXP Semiconductors


MF0ICU2 Product details

1 General description
NXP Semiconductors has developed the MIFARE Ultralight C - Contactless ticket IC MF0ICU2 to be used in a contactless smart ticket or smart card in combination with Proximity Coupling Devices (PCD). The communication layer (MIFARE RF Interface) complies to parts 2 and 3 of the ISO/IEC 14443 Type A standard (see Ref. 1 and Ref. 2).
The MF0ICU2 is primarily designed for limited use applications such as public transportation, event ticketing and loyalty applications.

2 Features and benefits
2.1 MIFARE RF Interface (ISO/IEC 14443 A)
• Contactless transmission of data and supply energy
• Operating frequency of 13.56 MHz
• Data integrity of 16-bit CRC, parity, bit coding, bit counting
• 7 byte serial number (cascade level 2 according to ISO/
IEC 14443-3)
• Fast counter transaction: < 10 ms
• Operating distance up to 100 mm depending on antenna
geometry and reader configuration
• Data transfer of 106 kbit/s
• True anticollision
• Typical ticketing transaction: < 35 ms
2.2 EEPROM
• 1536-bit total memory
• 36 pages, 1152-bit user r/w area
• Field programmable read-only locking function per page
for first 512-bit
• 512-bit compatible to MF0ICU1
• Field programmable read-only locking function per block
• 16-bit one-way counter
• 32-bit user definable One-Time Programmable (OTP) area
• Data retention of 10 years
• Write endurance 100000 cycles




Similar Part No. - MF0ICU2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MF0ICU2 NXP-MF0ICU2 Datasheet
89Kb / 15P
MIFARE Ultralight C
Rev. 3.2-19 May 2009
MF0ICU2001DUD NXP-MF0ICU2001DUD Datasheet
89Kb / 15P
MIFARE Ultralight C
Rev. 3.2-19 May 2009
MF0ICU2101DUD NXP-MF0ICU2101DUD Datasheet
89Kb / 15P
MIFARE Ultralight C
Rev. 3.2-19 May 2009
More results


Similar Description - MF0ICU2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MF3ICD21 PHILIPS-MF3ICD21 Datasheet
74Kb / 15P
MIFARE DESFire EV1 contactless multi-application IC
Rev. 02-6 March 2009
MF0ICU2 NXP-MF0ICU2 Datasheet
89Kb / 15P
MIFARE Ultralight C
Rev. 3.2-19 May 2009
MF3ICD21 NXP-MF3ICD21 Datasheet
82Kb / 15P
MIFARE DESFire EV1 contactless multi-application IC
Rev. 02-6 March 2009
MF0ULX1 NXP-MF0ULX1 Datasheet
1Mb / 50P
MIFARE Ultralight EV1 - contactless ticket IC
Rev. 3.0-19 February 2013
MF3DX2 NXP-MF3DX2 Datasheet
317Kb / 27P
MIFARE DESFire EV2 contactless multi-application IC
Rev.3.2-12 June2019
MF3ICDQ1 NXP-MF3ICDQ1 Datasheet
112Kb / 18P
MIFARE DESFire EV1 256B contactless smartcard IC
Rev.3.0-5 November2015
MF3ICDX21 NXP-MF3ICDX21 Datasheet
117Kb / 18P
MIFARE DESFire EV1 contactless multi-application IC
Rev.3.2-9 December2015
MF0AES20 NXP-MF0AES20 Datasheet
680Kb / 73P
MIFARE Ultralight AES contactless limited-use IC
Rev. 3.1-29 April 2022
MF2DLHX0 NXP-MF2DLHX0 Datasheet
1Mb / 132P
MIFARE DESFire Light contactless application IC
Rev. 3.3 - 5 April 2019
MF0AES20 NXP-MF0AES20_V01 Datasheet
653Kb / 72P
MIFARE Ultralight AES contactless limited-use IC
Rev. 3.2 - 28 March 2023
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com